Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 55 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 55 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 51Page - Siemens Semiconductor Group C511 Datasheet HTML 52Page - Siemens Semiconductor Group C511 Datasheet HTML 53Page - Siemens Semiconductor Group C511 Datasheet HTML 54Page - Siemens Semiconductor Group C511 Datasheet HTML 55Page - Siemens Semiconductor Group C511 Datasheet HTML 56Page - Siemens Semiconductor Group C511 Datasheet HTML 57Page - Siemens Semiconductor Group C511 Datasheet HTML 58Page - Siemens Semiconductor Group C511 Datasheet HTML 59Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
Semiconductor Group
6-22
On-Chip Peripheral Units
6.2.2 Timer/Counter 2 (SAB-C513/C513A/C513A-H only)
Timer 2 is a 16-bit timer / counter which can operate as timer or counter. It has 3 operating modes :
– 16-bit auto-reload mode (up or down counting)
– 16-bit capture mode
– Baudrate generator (see chapter 6.3.3.2)
The modes are selected by bits in the SFR T2CON (C8H) as shown in table 6-5.
Table 6-5
Timer/Counter 2 - Operating Modes
Timer 2 consists of two 8-bit registers, TH2 and TL2. In the timer function, the TL2 register is
incremented every machine cycle. Since a machine cycle consists of 12 oscillator periods, the count
rate is 1/12 of the oscillator frequency.
In the counter function, the register is incremented in response to a 1-to-0 transition at its
corresponding external input pin T2 (P1.0). In this function, the external input is sampled during
S5P2 of every machine cycle. When the samples show a high in one cycle and a low in the next
cycle, the count is incremented. The new value appears in the register during S3P1 of the cycle
following the one in which the transition was detected. Since it takes two machine cycles to
recognize a 1-to-0 transition, the maximum count rate is 1/24 of the oscilllator frequency. To ensure
that a given level is sampled at least once before it changes, it should be held for at least one full
machine cycle.
RCLK + TCLK
CP/RL2
TR2
Mode
0
0
1
16-bit auto-reload
0
1
1
16-bit capture
1
X
1
Baud rate generator
X
X
0
(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com