Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 48 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 48 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 44Page - Siemens Semiconductor Group C511 Datasheet HTML 45Page - Siemens Semiconductor Group C511 Datasheet HTML 46Page - Siemens Semiconductor Group C511 Datasheet HTML 47Page - Siemens Semiconductor Group C511 Datasheet HTML 48Page - Siemens Semiconductor Group C511 Datasheet HTML 49Page - Siemens Semiconductor Group C511 Datasheet HTML 50Page - Siemens Semiconductor Group C511 Datasheet HTML 51Page - Siemens Semiconductor Group C511 Datasheet HTML 52Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-15
6.2
Timers/Counters
The SAB-C511/513 microcontrollers contains two (SAB-C511/C511A) or three (SAB-C513/C513A/
C513A-H) 16-bit timers/counters which are useful in many applications for timing and counting
functions.
In timer function, the register is incremented every machine cycle. Thus one can think of it as
counting machine cycles. Since a machine cycle consists of 12 oscillator periods, the counter rate
is 1/12 of the oscillator frequency.
In counter function, the register is incremented in response to a 1-to-0 transition (falling edge) at
its corresponding external input pin, T0 or T1 (alternate functions of P3.4 and P3.5, resp.). In this
function the external input is sampled during S5P2 of every machine cycle. When the samples show
a high in one cycle and a low in the next cycle, the counter is incremented. The new count value
appears in the register during S3P1 of the cycle following the one in which the transition was
detected. Since it takes two machine cycles (24 oscillator periods) to recognize a 1-to-0 transition,
the maximum count rate is 1/24 of the oscillator frequency. There are no restrictions on the duty
cycle of the external input signal, but to ensure that a given level is sampled at least once before it
changes, it must be held for at least one full machine cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com