Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 62 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 62 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 58Page - Siemens Semiconductor Group C511 Datasheet HTML 59Page - Siemens Semiconductor Group C511 Datasheet HTML 60Page - Siemens Semiconductor Group C511 Datasheet HTML 61Page - Siemens Semiconductor Group C511 Datasheet HTML 62Page - Siemens Semiconductor Group C511 Datasheet HTML 63Page - Siemens Semiconductor Group C511 Datasheet HTML 64Page - Siemens Semiconductor Group C511 Datasheet HTML 65Page - Siemens Semiconductor Group C511 Datasheet HTML 66Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-29
6.3.2 Serial Port Control Register
The serial port control and status register is the special function register SCON. This register
contains not only the mode selection bits, but also the 9th data bit for transmit and receive (TB8 and
RB8) and the serial port interrupt bits (TI and RI).
Special Function Register SCON (Address 98H)
Reset Value : 00H
Bit
Function
SM0
SM1
0
0
0
1
1
0
1
1
Serial Mode Select Bits
Serial mode 0:
Shift register, fixed baud rate (
f
OSC/12)
Serial mode 1:
8-bit UART, variable baud rate
Serial mode 2:
9-bit UART, fixed baud rate (
f
OSC/64 or fOSC/32)
Serial mode 3:
9-bit UART, variable baud rate
SM2
Multiprocessor Communication Select
Enables the multiprocessor communication feature in modes 2 and 3. In mode 2
or 3, if SM2 is set to 1 then RI will not be activated if the received 9th data bit (RB8)
is 0. In mode 1, if SM2 = 1 then RI will not be activated if a valid stop bit was not
received. In mode 0, SM2 should be 0.
REN
Receiver Enable
Enables serial reception. Set by software to enable reception. Clear by software
to disable reception.
TB8
Transmit Bit 8
Is the 9th data bit that will be transmitted in modes 2 and 3. Set or clear by
software as desired.
RB8
Receive Bit 8
In modes 2 and 3, is the 9th data bit that was received. In mode 1, if SM2 = 0, RB8
is the stop bit that was received. In mode 0, RB8 is not used.
TI
Transmit Interrupt Flag
Is transmit interupt flag. Set by hardware at the end of the 8th bit time in mode 0,
or at the beginning of the stop bit in the other modes, in any serial transmission.
Must be cleared by software.
RI
Receive Interrupt Flag
Is receive interrupt flag. Set by hardware at the end of the 8th bit time in mode 0,
or halfway through the stop bit time in the other modes, in any serial reception
(except see SM2). Must be cleared by software.
SM0
SM1
SM2
REN
98H
SCON
Bit No.
7
65
43
21
0
MSB
LSB
TB8
RB8
TI
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com