Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 60 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 60 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 56Page - Siemens Semiconductor Group C511 Datasheet HTML 57Page - Siemens Semiconductor Group C511 Datasheet HTML 58Page - Siemens Semiconductor Group C511 Datasheet HTML 59Page - Siemens Semiconductor Group C511 Datasheet HTML 60Page - Siemens Semiconductor Group C511 Datasheet HTML 61Page - Siemens Semiconductor Group C511 Datasheet HTML 62Page - Siemens Semiconductor Group C511 Datasheet HTML 63Page - Siemens Semiconductor Group C511 Datasheet HTML 64Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-27
6.3
General Purpose Serial Interface USART (SAB-C513/C513AC513A-H only)
The serial port is full duplex, meaning it can transmit and receive simultaneously. It is also receive-
buffered, meaning it can commence reception of a second byte before a previously received byte
has been read from the receive register. However, if the first byte still hasn’t been read by the time
reception of the second byte is complete, the first byte will be lost. The serial port receive and
transmit registers are both accessed at special function register SBUF. Writing to SBUF loads the
transmit register, and reading SBUF accesses a physically separate receive register.
The serial port can operate in 4 modes (one synchronous mode, three asynchronous modes):
Mode 0, Shift Register (Synchronous) Mode:
Serial data enters and exits through RXD. TXD outputs the shift clock. 8 data bits are transmitted/
received (LSB first). The baud rate is fixed at 1/
12 of the oscillator frequency. See section 6.3.4 for
more detailed information.
Mode 1, 8-Bit USART, Variable Baud Rate:
10 bits are transmitted (through TXD) or received (through RXD): a start bit (0), 8 data bits (LSB
first), and a stop bit (1). On receive, the stop bit goes into RB8 in special function register SCON.
The baud rate is variable. See section 6.3.5 for more detailed information.
Mode 2, 9-Bit USART, Fixed Baud Rate:
11 bits are transmitted (through TXD) or received (through RXD): a start bit (0), 8 data bits (LSB
first), a programmable 9th data bit, and a stop bit (1). On transmit, the 9th data bit (TB8 in SCON)
can be assigned to the value of 0 or 1. Or, for example, the parity bit (P, in the PSW) could be moved
into TB8. On receive, the 9th data bit goes into RB8 in special function register SCON, while the
stop bit is ignored. The baud rate is programmable to either 1/
32 or
1/
64 of the oscillator frequency.
See section 6.3.6 for more detailed information.
Mode 3, 9-Bit USART, Variable Baud Rate:
11 bits are transmitted (through TXD) or received (through RXD): a start bit (0), 8 data bits (LSB
first), a programmable 9th data bit, and a stop bit (1). In fact, mode 3 is the same as mode 2 in all
respects except the baud rate. The baud rate in mode 3 is variable. See section 6.3.6 for more
detailed information.
In all four modes, transmission is initiated by any instruction that uses SBUF as a destination
register. Reception is initiated in mode 0 by the condition RI = 0 and REN = 1. Reception is initiated
in the other modes by the incomming start bit if REN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com