Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 22 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 22 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 18Page - Siemens Semiconductor Group C511 Datasheet HTML 19Page - Siemens Semiconductor Group C511 Datasheet HTML 20Page - Siemens Semiconductor Group C511 Datasheet HTML 21Page - Siemens Semiconductor Group C511 Datasheet HTML 22Page - Siemens Semiconductor Group C511 Datasheet HTML 23Page - Siemens Semiconductor Group C511 Datasheet HTML 24Page - Siemens Semiconductor Group C511 Datasheet HTML 25Page - Siemens Semiconductor Group C511 Datasheet HTML 26Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 128 page
background image
Memory Organization
Semiconductor Group
3-2
3.1
Program Memory
The C511/513 family members have up to 12 Kbytes of on-chip read-only program memory
(depending on version). The program memory can be externally expanded up to 64 Kbytes. If the
EA pin is held high, the C511/513 executes out of internal ROM unless the address exceeds the
upper limit of the on-chip program memory (upper limit table see figure 3-10). Instructions at
addresses above this limit are then fetched from the external program memory. If the EA pin is held
low, the C511/513 fetches all instructions from the external program memory.
3.2
Data Memory
The data memory address space consists of an internal and an external memory space. The
different versions of the C511/513 microcontroller family provide 128 (C511 only) or 256 byte (all
other members) of internal data memory.
The C513A/A-H contain another 256 byte of on-chip RAM additional to its 256 byte internal RAM.
This RAM is referenced as XRAM (‘eXtended RAM’).
3.2.1 Internal Data Memory
The internal data memory is divided into four physically separate and distinct blocks:
– the lower 128 byte of RAM including four register banks containing eight registers each
– the upper 128 byte of RAM
– the 128 byte special function register area
– a 256 byte XRAM area which is accessed like external RAM (MOVX-instructions), but is
implemented on-chip (C513A/A-H only).
3.2.2 External Data Memory
Up to 64 Kbyte external data memory can be addressed by instructions that use 8-bit or 16-bit
indirect addressing. A 16-bit external memory addressing mode is supported by the MOVX
instructions using the 16-bit datapointer DPTR for addressing. For 8-bit addressing MOVX
instructions in combination with registers R0 and R1 can be used.
Note that there are restrictions with the C513A/A-H and 8-bit addressing mode when accessing
external data memory (details see chapters 3.3.2 and 3.3.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com