Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 50 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 50 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 46Page - Siemens Semiconductor Group C511 Datasheet HTML 47Page - Siemens Semiconductor Group C511 Datasheet HTML 48Page - Siemens Semiconductor Group C511 Datasheet HTML 49Page - Siemens Semiconductor Group C511 Datasheet HTML 50Page - Siemens Semiconductor Group C511 Datasheet HTML 51Page - Siemens Semiconductor Group C511 Datasheet HTML 52Page - Siemens Semiconductor Group C511 Datasheet HTML 53Page - Siemens Semiconductor Group C511 Datasheet HTML 54Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-17
Special Function Register TMOD (Address 89H)
Reset Value : 00H
Bit
Function
Gate
Gating control.
When set, timer/counter "x" is enabled only while "INTx" pin is high and "TRx"
control bit is set.
When cleared timer "x" is enabled whenever "TRx" control bit is set.
C/T
Counter or timer select bit.
Set for counter operation (input from "Tx" input pin).
Cleared for timer operation (input from internal system clock).
M1
M0
0
0
Timer modes select bits
8-bit timer/counter.
"THx" operates as 8-bit timer/counter
"TLx" serves as 5-bit prescaler.
0
1
16-bit timer/counter.
"THx" and "TLx" are cascaded; there is no prescaler.
1
0
8-bit auto-reload timer/counter.
"THx" holds a value which is to be reloaded into "TLx" each time it overflows.
1
1
Timer 0:
TL0 is an 8-bit timer/counter controlled by the standard timer 0 control bits. TH0 is
an 8-bit timer only controlled by timer 1 control bits.
1
1
Timer 1:
Timer/counter 1 stops
Gate
C/T
M1
M0
89H
TMOD
Bit No.
7
65
43
21
0
MSB
LSB
Gate
C/T
M1
M0
Timer 1 Control
Timer 0 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com