Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 12 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 12 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 8Page - Siemens Semiconductor Group C511 Datasheet HTML 9Page - Siemens Semiconductor Group C511 Datasheet HTML 10Page - Siemens Semiconductor Group C511 Datasheet HTML 11Page - Siemens Semiconductor Group C511 Datasheet HTML 12Page - Siemens Semiconductor Group C511 Datasheet HTML 13Page - Siemens Semiconductor Group C511 Datasheet HTML 14Page - Siemens Semiconductor Group C511 Datasheet HTML 15Page - Siemens Semiconductor Group C511 Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 128 page
background image
Introduction
Semiconductor Group
1-7
Table 1-2
Pin Definitions and Functions
Symbol
Pin Number
I/O*) Function
P-LCC-
44
P-MQFP-
44
P1.7-P1.0
9-2
2
3
4
5
6
7
3-1,
44-40
40
41
42
43
44
1
I/O
Port 1
is a bidirectional I/O port with internal pull-up resistors.
Port 1 pins that have 1s written to them are pulled high by
the internal pullup resistors, and in that state can be used
as inputs. As inputs, port 1 pins being externally pulled
low will source current (
I
IL, in the DC characteristics)
because of the internal pullup resistors. Port 1 also
contains the timer 2 and SSC pins as secondary function.
In general the output latch corresponding to a secondary
function must be programmed to a one (1) for that
function to operate.
For the outputs of the SSC (SCLK, STO) special circuitry
is implemented, providing true push-pull capability. The
STO output in addition will have true tristate capability.
When used for SSC inputs, the pull-up resistors will be
switched off and the inputs will float (high ohmic inputs).
The alternate functions are assigned to port 1, as follows:
P1.0
T2
Input to counter 2 1)
P1.1
T2EX
Capture -Reload trigger of timer 2 1)
Up-Down count
P1.2
SCLK
SSC Master Clock Output
SSC Slave Clock Input
P1.3
SRI
SSC Receive Input
P1.4
STO
SSC Transmit Output
P1.5
SLS
Slave Select Input
1) not available in the C511/511A
*) I = Input
O = Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com