Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 5Page - Siemens Semiconductor Group C511 Datasheet HTML 6Page - Siemens Semiconductor Group C511 Datasheet HTML 7Page - Siemens Semiconductor Group C511 Datasheet HTML 8Page - Siemens Semiconductor Group C511 Datasheet HTML 9Page - Siemens Semiconductor Group C511 Datasheet HTML 10Page - Siemens Semiconductor Group C511 Datasheet HTML 11Page - Siemens Semiconductor Group C511 Datasheet HTML 12Page - Siemens Semiconductor Group C511 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
Semiconductor Group
1-4
Introduction
Listed below is a summary of the main features of the C511/513 family members:
– Fully software compatible to standard 8051/8052 microcontrollers
– Up to 12 MHz operating frequency
– Up to 12 K
×8 ROM / EEPROM
– Up to 256
×8 RAM
– Up to 256x8 XRAM
– Four 8-bit ports
– Up to three 16-bit Timers / Counters (Timer 2 with Up/Down and 16-bit autoreload feature)
– Synchronous Serial Channel (SSC)
– Optional USART
– Up to seven interrupt sources, two priority levels
– Power Saving Modes
– P-LCC-44 package (C513A also in P-MQFP-44 package)
– Temperature ranges:
SAB-C511 / 511A / 513 / 513A / C513A-H
T
A : 0 °C to 70 °C
SAF-C513A
T
A : -40 °C to 85 °C
Figure 1-5
C511/C513 Logic Symbol
If the C513A-H is used in programming mode, its logic symbol is different from figure 1-5 (see
figure 9-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com