Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 92 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 92 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 88Page - Siemens Semiconductor Group C511 Datasheet HTML 89Page - Siemens Semiconductor Group C511 Datasheet HTML 90Page - Siemens Semiconductor Group C511 Datasheet HTML 91Page - Siemens Semiconductor Group C511 Datasheet HTML 92Page - Siemens Semiconductor Group C511 Datasheet HTML 93Page - Siemens Semiconductor Group C511 Datasheet HTML 94Page - Siemens Semiconductor Group C511 Datasheet HTML 95Page - Siemens Semiconductor Group C511 Datasheet HTML 96Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 128 page
background image
Interrupt System
Semiconductor Group
7-5
7.2.2 Interrupt Priorities
Each interrupt source can also be individually programmed to one of two priority levels by setting or
clearing a bit in the SFR IP (Interrupt Priority, 0: low priority, 1: high priority).
Special Function Registers IP (Address B8H)
Reset Value : X0000000B
Bit
Function
–
Not implemented, reserved for future use. Will be read as “1“.
PSSC
SSC Priority Level
If PSSC = 0, the SSC interrupt has a low priority.
PT2
Timer 2 Interrupt Priority Level.
If PT2 = 0, the timer 2 interrupt has a low priority.
PS
Serial Channel (USART) Interrupt Priority Level
(C513//C513A/C513A-H only)
If PS = 0, the serial channel interrupt has a low priority.
PT1
Timer 1 Overflow Interrupt Priority Level.
If PT1 = 0, the timer 1 interrupt has a low priority.
PX1
External Interrupt 1 Priority Level.
If PX1 = 0, the external interrupt 1 has a low priority.
PT0
Timer 0 Overflow Interrupt Priority Level.
If PT0 = 0, the timer 0 interrupt has a low priority.
PX0
External Interrupt 0 Priority Level.
If PX0 = 0, the external interrupt 0 has a low priority.
–
PSSC
PT2
PS
B8H
IP
Bit No.
7
65
43
21
0
MSB
LSB
PT1
PX1
PT0
PX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com