Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 100 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 100 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 96Page - Siemens Semiconductor Group C511 Datasheet HTML 97Page - Siemens Semiconductor Group C511 Datasheet HTML 98Page - Siemens Semiconductor Group C511 Datasheet HTML 99Page - Siemens Semiconductor Group C511 Datasheet HTML 100Page - Siemens Semiconductor Group C511 Datasheet HTML 101Page - Siemens Semiconductor Group C511 Datasheet HTML 102Page - Siemens Semiconductor Group C511 Datasheet HTML 103Page - Siemens Semiconductor Group C511 Datasheet HTML 104Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 128 page
background image
Power Saving Mode
Semiconductor Group
8-4
8.2
Power-Down Mode
In the power-down mode, the on-chip oscillator is stopped. Therefore all functions are stopped; only
the contents of the on-chip RAM and the SFR’s are maintained. The port pins controlled by their port
latches output the values that are held by their SFR’s. The port pins which serve the alternate output
functions show the values they had at the end of the last cycle of the instruction which initiated the
power-down mode. ALE and PSEN hold at logic low level (see table 8-1).
The power-down mode is entered by setting the PDE bit. Because PCON is not a bit-addressable
register, the setting of the bit has to be obtained by byte-handling instructions, e.g. by:
ORL
PCON,#00000010B
;Set PDE bit
The instruction that sets bit PDE is the last instruction executed before going into power-down
mode.
The only way to exit from power-down mode is a hardware reset. This reset will redefine all SFR’s,
but will not change the contents of the internal RAM.
In the power-down mode,
V
CC can be reduced up to a minimum of 2 V to minimize power
consumption. It must be ensured, however, that
V
CC is not reduced before the power-down mode is
invoked, and that
V
CC is restored to its normal operating level, before the power-down mode is
terminated. The reset signal that terminates the power-down mode also restarts the oscillator. The
reset should not be activated before
V
CC is restored to its normal operating level and must be held
active long enough to allow the oscillator to restart and stabilize (as with power-on reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com