Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 103 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 103 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 99Page - Siemens Semiconductor Group C511 Datasheet HTML 100Page - Siemens Semiconductor Group C511 Datasheet HTML 101Page - Siemens Semiconductor Group C511 Datasheet HTML 102Page - Siemens Semiconductor Group C511 Datasheet HTML 103Page - Siemens Semiconductor Group C511 Datasheet HTML 104Page - Siemens Semiconductor Group C511 Datasheet HTML 105Page - Siemens Semiconductor Group C511 Datasheet HTML 106Page - Siemens Semiconductor Group C511 Datasheet HTML 107Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 128 page
background image
Semiconductor Group
9-3
EEPROM Programming Interface
SAB-C513A-H
PWR
19
I
Programming Write Control
A low level at this pin (and PCS=low and PRD=high) causes the
data at AD0-7 to be written into the data or control registers of
the programming interface.
PCS
17
I
Programming Chip Select
A low level at this pin enables the access to the registers of the
programming interface. If PCS is active, either PRD or PWR
control whether data is read or written into the registers. PCS
should always be deactivated between subsequent accesses
to the programming interface.
XTAL2
20
–
XTAL2
Output of the inverting oscillator amplifier.
XTAL1
21
–
XTAL1
Input to the inverting oscillator amplifier and input to the internal
clock generator circuits.
To drive the device from an external clock source, XTAL1
should be driven, while XTAL2 is left unconnected. During the
device programming a clock must be always supplied.
PMS0
PMS1
PMS2
PMS3
35
33
32
10
I
Programming Mode Select
PMS0-3 are used to put the SAB-C513A-H into the program-
ming mode. In normal mode the programming mode select pins
have the meaning as shown in the table below. PMS0-3 must
be set to the logic level as described in the table below.
V
SS
22
–
Circuit ground potential
V
CC
44
–
Power supply terminal for all operating modes
N.C.
1-9, 11-14,
23-31, 24
–
No connection
These pins must not be connected.
*) I = Input
O = Output
Table 9-1
Pin Definitions and Functions in Programming Mode (cont’d)
Symbol
Pin Number
I/O*) Function
P-LCC-44
Normal Mode
Pin Names
Progr. Mode
Pin Names
Required
Logic Level
EA
PMS0
0
ALE
PMS1
1
PSEN
PMS2
0
RESET
PMS3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com