Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 105 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 105 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 101Page - Siemens Semiconductor Group C511 Datasheet HTML 102Page - Siemens Semiconductor Group C511 Datasheet HTML 103Page - Siemens Semiconductor Group C511 Datasheet HTML 104Page - Siemens Semiconductor Group C511 Datasheet HTML 105Page - Siemens Semiconductor Group C511 Datasheet HTML 106Page - Siemens Semiconductor Group C511 Datasheet HTML 107Page - Siemens Semiconductor Group C511 Datasheet HTML 108Page - Siemens Semiconductor Group C511 Datasheet HTML 109Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 128 page
background image
Semiconductor Group
9-5
EEPROM Programming Interface
SAB-C513A-H
9.2.1 Selection of the Programming Mode
The programming mode is selected by applying specific logic levels to the four PMS0-3 pins of the
SAB-C513A-H.
Table 9-2
Programming Mode Selection Pins
Note that PMS3 has to be active (’1’) during the whole programming mode operation. During normal
operation PMS2 and PMS1 are outputs (PSEN, ALE) and no external driving circuitry should be
connected to these pins.
It should be also noted, that always a clock has to be supplied in programming mode and that the
operating voltage is restricted to 5 V
± 10%.
9.2.2 Resetting the Programming Interface
By applying a high level to the PRES pin the contents of the programming interface registers will be
set to their initial values. When entering the programming mode, PRES should be held high.
The programming interface must not be reset while programming or erasing the EEPROM (PROG
bit =1). The program or erase cycle should be finished properly before resetting the interface.
9.2.3 Interface Bus Operation
The programming interface with its registers can be accessed via a Intel type multiplexed bus
interface. Figures 9-9-4 and 9-9-5 illustrate a read and a write access to the registers. To enable
access to the programming interface the enable input PCS must be active during the entire access
cycle (from leading edge of ALE until trailing edge of RD or WR). PCS should always be deactivated
between subsequent accesses to the programming interface. With the falling edge of ALE the
address of the register to be accessed is latched. The read signal puts the contents of the selected
register onto the bus. During write cycles the write signal latches the data bus content into the
selected register. Each read and write cycle must be initiated by a PALE high pulse.
Mode
PMS3
(RESET)
PMS2
(PSEN)
PMS1
(ALE)
PMS0
(EA)
Normal Mode
1 or 0
none
none
0 or 1
Programming Mode
1010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com