Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 102 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 102 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 98Page - Siemens Semiconductor Group C511 Datasheet HTML 99Page - Siemens Semiconductor Group C511 Datasheet HTML 100Page - Siemens Semiconductor Group C511 Datasheet HTML 101Page - Siemens Semiconductor Group C511 Datasheet HTML 102Page - Siemens Semiconductor Group C511 Datasheet HTML 103Page - Siemens Semiconductor Group C511 Datasheet HTML 104Page - Siemens Semiconductor Group C511 Datasheet HTML 105Page - Siemens Semiconductor Group C511 Datasheet HTML 106Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 128 page
background image
EEPROM Programming Interface
SAB-C513A-H
Semiconductor Group
9-2
Figure 9-2
SAB-C513A-H Pin Configuration in Programming Mode
Table 9-1
Pin Definitions and Functions in Programming Mode
Symbol
Pin Number
I/O*) Function
P-LCC-44
PRES
15
I
Programming Interface Reset
A high level on this input resets the programming interface and
its registers to their initial state.
AD0 - AD7 43 - 36
I/O
Bidirectional Address/Data Bus
AD0-7 is used to transfer data to and from the registers of the
programming interface and to read the data of the memory field
during EEPROM verification.
PALE
16
I
Programming Address Latch Enable
This input is used to latch address information at AD0-7. The
trailing edge of PALE is used to latch the register addresses.
Each read or write access in programming mode must be
initiated by a PALE high pulse.
PRD
18
I
Programming Read Control
A low level at this pin (and PCS=low) enables the AD0-7 buffers
for reading of the data or control registers of the programming
interface.
*) I = Input
O = Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com