Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 101 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 101 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 97Page - Siemens Semiconductor Group C511 Datasheet HTML 98Page - Siemens Semiconductor Group C511 Datasheet HTML 99Page - Siemens Semiconductor Group C511 Datasheet HTML 100Page - Siemens Semiconductor Group C511 Datasheet HTML 101Page - Siemens Semiconductor Group C511 Datasheet HTML 102Page - Siemens Semiconductor Group C511 Datasheet HTML 103Page - Siemens Semiconductor Group C511 Datasheet HTML 104Page - Siemens Semiconductor Group C511 Datasheet HTML 105Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 128 page
background image
Semiconductor Group
9-1
EEPROM Programming Interface
SAB-C513A-H
9
EEPROM Programming Interface of the SAB-C513A-H
The SAB-C513A-H is the EEPROM MCU version in the SAB-C511/513 microcontroller family.
Except the type of program memory, its functionality is equal to the SAB-C513A functionality.
Therefore, the SAB-C513A-H can be used in a prototype system design as a replacement for all
SAB-C511/513 family ROM-based microcontrollers.
This chapter describes in detail how the SAB-C513A-H is handled in the programmimg mode.
9.1
Programming Configuration
During normal program execution the SAB-C513A-H behaves like the SAB-C513A. For
programming of the device, the SAB-C513A-H must be put into a programming mode. This typically
is done not in-system but in a special programming hardware. In the programming mode the
SAB-C513A-H operates as a typical peripheral device which allows the user to access it with its
specific control and data registers.
In the programming mode the programming interface is accessed via a multiplexed address data
bus (port 0) and via control lines at port 3. All other units of the microcontroller (CPU, timers, serial
interfaces etc.) except the clock generator are disabled in the programming mode. The clock is
needed for the operation of the charge pump which generates on-chip the necessary programming
voltage for the EEPROM.
Figure 9-9-1 shows the pins of the SAB-C513A-H which are required to control the device in the
programming mode. Figure 9-9-2 shows the detailed pin configuration of the SAB-C513A-H.
Figure 9-1
SAB-C513A-H Logic Symbol in Programming Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com