Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 76 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 76 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 72Page - Siemens Semiconductor Group C511 Datasheet HTML 73Page - Siemens Semiconductor Group C511 Datasheet HTML 74Page - Siemens Semiconductor Group C511 Datasheet HTML 75Page - Siemens Semiconductor Group C511 Datasheet HTML 76Page - Siemens Semiconductor Group C511 Datasheet HTML 77Page - Siemens Semiconductor Group C511 Datasheet HTML 78Page - Siemens Semiconductor Group C511 Datasheet HTML 79Page - Siemens Semiconductor Group C511 Datasheet HTML 80Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-43
6.4
Synchronous Serial Channel (SSC)
The SAB-C511/513 microcontrollers provide a Synchronous Serial Channel unit, the SSC. This
interface is compatible to the popular SPI serial bus interface. It can be used for simple I/O
expansion via shift registers, for connection of a variety of peripheral components, such as A/D
converters, EEPROMs etc., or for allowing several microcontrollers to be interconnected in a
master/slave structure. It supports full-duplex or half-duplex operation and can run in a master or a
slave mode.
6.4.1 SSC Block Diagram
Figure 6-6-30 shows the block diagram of the SSC. The central element of the SSC is an 8-bit
shift register. The input and the output of this shift register are each connected via a control logic to
the pin P1.3/SRI (SSC Receiver In) and P1.4/STO (SSC Transmitter Out). This shift register can
be written to (SFR STB) and can be read through the Receive Buffer Register SRB.
Figure 6-30
SSC Blockdiagram
Clock Divider
Clock Selection
Receive Buffer Register
Int. Enable Reg.
Control Register
. . .
fOSC 2
Shift Register
STB
SRB
Pin
Control
Logic
Pin
Pin
Pin
Pin
P1.2 / SCLK
P1.3 / SRI
P1.4 / STO
P1.5 / SLS
SCIEN
SSCCON
SCF
Status Register
Control Logic
Interrupt
Internal Bus
MCB02438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com