Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 67 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 67 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 63Page - Siemens Semiconductor Group C511 Datasheet HTML 64Page - Siemens Semiconductor Group C511 Datasheet HTML 65Page - Siemens Semiconductor Group C511 Datasheet HTML 66Page - Siemens Semiconductor Group C511 Datasheet HTML 67Page - Siemens Semiconductor Group C511 Datasheet HTML 68Page - Siemens Semiconductor Group C511 Datasheet HTML 69Page - Siemens Semiconductor Group C511 Datasheet HTML 70Page - Siemens Semiconductor Group C511 Datasheet HTML 71Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 128 page
background image
Semiconductor Group
6-34
On-Chip Peripheral Units
6.3.4 Details about Mode 0
Serial data enters and exists through RXD. TXD outputs the shift clock. 8 data bits are transmitted/
received: (LSB first). The baud rate is fixed at
f
OSC/12.
Figure 6-15a shows a simplyfied functional diagram of the serial port in mode 0. The associated
timing is illustrated in figure 6-b.
Transmission is initiated by any instruction that uses SBUF as a destination register. The "WRITE
to SBUF" signal at S6P2 also loads a 1 into the 9th position of the transmit shift register and tells
the TX control block to commence a transmission. The internal timing is such that one full machine
cycle will elapse between "WRITE to SBUF", and activation of SEND.
SEND enables the output of the shift register to the alternate output function line of P3.0, and also
enables SHIFT CLOCK to the alternate output function line of P3.1. SHIFT CLOCK is low during
S3, S4, and S5 of every machine cycle, and high during S6, S1 and S2. At S6P2 of every machine
cycle in which SEND is active, the contents of the transmit shift register are shifted to the right one
position.
As data bits shift out to the right, zeroes come in from the left. When the MSB of the data byte is at
the output position of the shift register, then the 1 that was initialy loaded into the 9th position, is just
to the left of the MSB, and all positions to the left of that contain zeroes. This condition flags the TX
control block to do one last shift and then deactivate SEND and set TI. Both of these actions occur
at S1P1 of the 10th machine cycle after "WRITE to SBUF".
Reception is initiated by the condition REN = 1 and R1 = 0. At S6P2 of the next machine cycle, the
RX control unit writes the bits 1111 1110 to the receive shift register, and in the next clock phase
activates RECEIVE.
RECEIVE enables SHIFT CLOCK to the alternate output function line of P3.1. SHIFT CLOCK
makes transitions at S3P1 and S6P1 of every machine cycle. At S6P2 of every machine cycle in
which RECEIVE is active, the contents of the receive shift register are shifted to the left one position.
The value that comes in from the right is the value that was sampled at the P3.0 pin at S5P2 of the
same machine cycle.
As data bit comes in from the right, 1s shift out to the left. When the 0 that was initially loaded into
the rightmost position arrives at the leftmost position in the shift register, it flags the RX control block
to do one last shift and load SBUF. At S1P1 of the 10th machine cycle after the write to SCON that
cleared RI, RECEIVE is cleared and RI is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com