Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 90 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 90 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 86Page - Siemens Semiconductor Group C511 Datasheet HTML 87Page - Siemens Semiconductor Group C511 Datasheet HTML 88Page - Siemens Semiconductor Group C511 Datasheet HTML 89Page - Siemens Semiconductor Group C511 Datasheet HTML 90Page - Siemens Semiconductor Group C511 Datasheet HTML 91Page - Siemens Semiconductor Group C511 Datasheet HTML 92Page - Siemens Semiconductor Group C511 Datasheet HTML 93Page - Siemens Semiconductor Group C511 Datasheet HTML 94Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 128 page
background image
Interrupt System
Semiconductor Group
7-3
7.1
Interrupt Structure
A common mechanism is used to generate the various interrupts, each source having its own
request flag(s) located in a special function register (e.g. TCON, T2CON, SCON). When the
peripheral or external source meets the condition for an interrupt, the dedicated request flag is set,
whether an interrupt is enabled or not. For example, each timer 0 overflow sets the corresponding
request flag TF0. If it is already set, it retains a one (1). But the interrupt is not necessarily serviced.
Now each interrupt requested by the corresponding flag can individually be enabled or disabled by
the enable bits in SFR IE. This determines whether the interrupt will actually be performed. In
addition, there is a global enable bit for all interrupts which, when cleared, disables all interrupts
independent of their individual enable bits.
Table 8-1
Interrupt Sources and Vectors
Source (Request Flags)
Vector
Vector Address
IE0
TF0
IE1
TF1
RI + TI
TF2 + EXF2
SSCI
External interrupt 0
Timer 0 interrupt
External interrupt 1
Timer 1 interrupt
USART serial port interrupt,
(C513/C513A/C513A-H only)
Timer 2 interrupt
(C513/C513A/C513A-H only)
Synchronous serial channel
interrupt (SSC)
0003H
000BH
0013H
001BH
0023H
002BH
0043H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com