Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 31 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 31 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 27Page - Siemens Semiconductor Group C511 Datasheet HTML 28Page - Siemens Semiconductor Group C511 Datasheet HTML 29Page - Siemens Semiconductor Group C511 Datasheet HTML 30Page - Siemens Semiconductor Group C511 Datasheet HTML 31Page - Siemens Semiconductor Group C511 Datasheet HTML 32Page - Siemens Semiconductor Group C511 Datasheet HTML 33Page - Siemens Semiconductor Group C511 Datasheet HTML 34Page - Siemens Semiconductor Group C511 Datasheet HTML 35Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
Semiconductor Group
4-4
External Bus Interface
can be enabled/disabled dynamically, it is also possible to enable ALE only when external memory
is accessed. This can be useful, if the external memory is accessed very seldom only.
4.4
XRAM Access Enable (SAB-C513A/A-H only)
The SAB-C513A/A-H maps 256 bytes of the external data space into the on-chip XRAM. Especially
when using the 8-bit addressing modes this could prevent access to the external memory extension
and might induce problems when porting software. Therefore it is possible to enable and disable the
on-chip XRAM. When the XRAM is disabled (default after reset) all accesses will go to the external
memory/IO.
Special Function Registers SYSCON (Address B1H)
Reset Value (C513/513A/A-H)
: 101X0XX0B
Reset Value (C511/C511A/C513) : 101X0XXXB
4.5
Overlapping External Data and Program Memory Spaces
In some applications it is desirable to execute a program from the same physical memory that is
used for storing data. In the SAB-C511/C513 the external program and data memory spaces can be
combined by AND-ing PSEN and RD. A positive logic AND of these two signals produces an active
low read strobe that can be used for the combined physical memory. Since the PSEN cycle is faster
than the RD cycle, the external memory needs to be fast enough to adapt to the PSEN cycle.
Bit
Function
–
Not implemented. Reserved for future use.
7, 6, 3
Reserved bits; these bits must be always written with the values
shown above.
XMAP
Enable XRAM (SAB-C513A/A-H only).
XMAP=0 : XRAM disabled.
XMAP=1 : XRAM enabled.
Note:
This bit is don’t care for the other members of the
SAB-C511/513 family, but should be written with “0“ for
compatibility reasons when writing to the SYSCON
register. When reading the bit in non-SAB-C513A
versions, it will be undefined.
EALE
Enable ALE generation.
If EALE=0, ALE signal will not be generated.
If EALE=1, ALE signal will be generated.
1
0
EALE
–
B1H
SYSCON
Bit No.
7
65
43
21
0
MSB
LSB
0–
–
XMAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com