Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 42 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 42 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 38Page - Siemens Semiconductor Group C511 Datasheet HTML 39Page - Siemens Semiconductor Group C511 Datasheet HTML 40Page - Siemens Semiconductor Group C511 Datasheet HTML 41Page - Siemens Semiconductor Group C511 Datasheet HTML 42Page - Siemens Semiconductor Group C511 Datasheet HTML 43Page - Siemens Semiconductor Group C511 Datasheet HTML 44Page - Siemens Semiconductor Group C511 Datasheet HTML 45Page - Siemens Semiconductor Group C511 Datasheet HTML 46Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-9
6.1.3 Alternate Functions
The pins of ports 1 and 3 are multifunctional. They are port pins and also serve to implement
alternate functions (special inputs/outputs for on-chip peripherals) as listed in table 6-6-3.
Figure 6-17a shows a functional diagram of a port latch with alternate function. To pass the
alternate function to the output pin and vice versa, however, the gate between the latch and driver
circuit must be open. Thus, to use the alternate input or output functions, the corresponding bit latch
in the port SFR has to contain a one (1); otherwise the pulldown FET is on and the port pin is stuck
at 0. After reset all port latches contain ones (1).
Figure 6-17a
Ports 1 and 3
For port pins P1.2 to P1.5 different structures apply, see figures 6-17b and 6-17c.
MCS01827
D
CLK
Bit
Latch
Q
Q
Internal
Pull Up
Arrangement
Pin
Read
Latch
to
Latch
Read
Pin
Write
V
CC
Int. Bus
Alternate
Output
Function
Alternate
Input
Function
&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com