Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 109 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 109 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 105Page - Siemens Semiconductor Group C511 Datasheet HTML 106Page - Siemens Semiconductor Group C511 Datasheet HTML 107Page - Siemens Semiconductor Group C511 Datasheet HTML 108Page - Siemens Semiconductor Group C511 Datasheet HTML 109Page - Siemens Semiconductor Group C511 Datasheet HTML 110Page - Siemens Semiconductor Group C511 Datasheet HTML 111Page - Siemens Semiconductor Group C511 Datasheet HTML 112Page - Siemens Semiconductor Group C511 Datasheet HTML 113Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 128 page
background image
Semiconductor Group
9-9
EEPROM Programming Interface
SAB-C513A-H
9.2.4.2
Memory Select Register PMSEL
This register specifies which EEPROM memory cells or memory blocks will be accessed during a
write or delete operation. The smallest amount of memory that can be accessed at a time is one
byte, the largest is the whole memory. For read operations the settings of this register have no
effect.
Programming Interface Register PMSEL (Address 01H)
Reset Value : XXX00000B
Bit
Function
–
Reserved Bits
These bits must be written with ’0’. During reads these bits will be undefined.
SEL4 - 0
Select Mode Bits
These bits allow to define various granularities for writing or deleting specific
memory areas. Single byte, 64 byte or 1KB byte blocks as well as even/odd
addresses in 64 byte/1K byte blocks can be selected according the table
below.
All other combination of SEL4-0 are not defined and might lead to
unpredictable results.
–
–
–
SEL4
01H
PMSEL
Bit No.
7
65
43
21
0
MSB
LSB
SEL3
SEL2
SEL1
SEL0
SEL4 - 0
Mode
0 0 0 0 0
The address in PADRH/PADRL specifies the byte to be
accessed.
0 0 0 0 1
The complete 1KB block which contains the byte addressed
by PADRH/PADRL is selected.
0 0 0 1 0
The complete 64 byte block which contains the byte
addressed by PADRH/PADRL is selected.
0 0 1 0 1
If A0=0 all even addressed bytes, if A0=1 all odd addressed
bytes of the1KB block which contains the byte addressed by
PADRH/PADRL are selected.
0 0 1 1 0
If A0=0 all even addressed bytes, if A0=1 all odd addressed
bytes of the 64 byte block which contains the byte addressed
by PADRH/PADRL are selected.
1 1 0 0 1
With this combination of SEL4-0 the total 12K memory is
selected.This combination is useful for fast erase/fill
operations of the EEPROM memory.
1 1 1 0 1
If A0=0 all even addressed bytes, if A0=1 all odd addressed
bytes of the total 12K memory are selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com