Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 111 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 111 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 107Page - Siemens Semiconductor Group C511 Datasheet HTML 108Page - Siemens Semiconductor Group C511 Datasheet HTML 109Page - Siemens Semiconductor Group C511 Datasheet HTML 110Page - Siemens Semiconductor Group C511 Datasheet HTML 111Page - Siemens Semiconductor Group C511 Datasheet HTML 112Page - Siemens Semiconductor Group C511 Datasheet HTML 113Page - Siemens Semiconductor Group C511 Datasheet HTML 114Page - Siemens Semiconductor Group C511 Datasheet HTML 115Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 128 page
background image
Semiconductor Group
9-11
EEPROM Programming Interface
SAB-C513A-H
9.2.5 EEPROM Access Operations
Three different operations are provided for programming and verifying the EEPROM memory
contents:
-
Erase (delete, clear) memory content(s)
-
Write (program) memory content(s)
-
Read memory content.
All operations are byte oriented, however, for deleting and writing the memory more than one byte
can be selected (see PMSEL register description). This allows quick erasure of memory blocks or
the complete memory as well as efficient testing of the memory. Read operations only will operate
on single bytes.
9.2.5.1
Erase Operation
The erase operation clears the total EEPROM memory or a selected area of it to an initial state. In
this initial state all memory locations have a FFH as content. As in an EPROM, a program operation
can only write a “0” to a bit of an EEPROM cell, not vice versa. Therefore, before programming of
the EEPROM, the bytes to be programmed should be erased.
At the erase operation the following steps must be executed:
1. Selection of the memory area (block or single byte) to be erased by programming PMSEL.
2. Writing the address of the byte/block to be cleared into PADRH and PADRL.
3. Set EEPROM operation mode bits in PCNTRL to EOM2-0=001B and the PROG bit to 1.
4. Wait at least 10 ms.
5. Reset the PROG bit to 0 with still EOM2-0=001B.
6. Wait 20
µs (guard time for discharging high voltage generator).
7. Set EOM2-0=000B and PROG=0.
The steps of the erase operation are illustrated in figure 9-9-6.
Figure 9-6
Erase Sequence
After erasing a memory byte contains FFH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com