Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 115 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 115 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 111Page - Siemens Semiconductor Group C511 Datasheet HTML 112Page - Siemens Semiconductor Group C511 Datasheet HTML 113Page - Siemens Semiconductor Group C511 Datasheet HTML 114Page - Siemens Semiconductor Group C511 Datasheet HTML 115Page - Siemens Semiconductor Group C511 Datasheet HTML 116Page - Siemens Semiconductor Group C511 Datasheet HTML 117Page - Siemens Semiconductor Group C511 Datasheet HTML 118Page - Siemens Semiconductor Group C511 Datasheet HTML 119Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 128 page
background image
Semiconductor Group
10-3
Device Specifications
Notes:
1)
Capacitive loading on ports 0 and 2 may cause spurious noise pulses to be superimposed on the
VOL of ALE
and port 3. The noise is due to external bus capacitance discharging into the port 0 and port 2 pins when these
pins make 1-to-0 transitions during bus operation. In the worst case (capacitive loading > 100 pF), the noise
pulse on ALE line may exceed 0.8 V. In such cases it may be desirable to qualify ALE with a schmitt-trigger,
or use an address latch with a schmitt-trigger strobe input.
2)
Capacitive loading on ports 0 and 2 may cause the
VOH on ALE and PSEN to momentarily fall bellow the
0.9
VCC specification when the address lines are stabilizing.
3)
IPD (Power Down Mode) is measured under following conditions:
EA = Port0 =
VCC; RESET = VSS; XTAL2 = N.C.; XTAL1 = VCC; all other pins are disconnected.
4)
ICC (active mode) is measured with:
XTAL1 driven with
tCLCH, tCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC – 0.5 V; XTAL2 = N.C.;
EA = Port0 = RESET =
VCC; all other pins are disconnected. ICC would be slightly higher if a crystal oscillator
is used (appr. 1 mA).
5)
ICC (Idle mode) is measured with all output pins disconnected and with all peripherals disabled;
XTAL1 driven with
tCLCH, tCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC – 0.5 V; XTAL2 = N.C.;
RESET = EA =
VSS; Port0 = VCC; all other pins are disconnected;
6)
ICC Max at other frequencies is given by:
C511/C511A/C513/C513A :
Active mode:
TBD
Idle mode:
TBD
C513A-H :
Active mode:
TBD
Idle mode:
TBD
where
fOSC is the oscillator frequency in MHz. ICC values are given in mA and measured at VCC = 5 V.
7)
This parameter is periodically sampled and not 100% tested.
8)
The typical
I
CC values are periodically measured at TA = +25 ˚C but not 100% tested.
DC Characteristics (cont’d)
V
CC = 5 V + 10 %, – 15 %; VSS = 0 V;
T
A = 0 to + 70 ˚C
Parameter
Symbol
Limit Values
Unit Test Condition
typ. 8)
max.
Power supply current:
C511/C511A/C513/C513A
Active mode, 12 MHz 6)
Idle mode, 12 MHz 6)
Power Down Mode
C513A-H
Active mode, 12 MHz 6)
Idle mode, 12 MHz 6)
Power Down Mode
I
CC
I
CC
I
PD
I
CC
I
CC
I
PD
7
3.5
TBD
16
6
TBD
9.5
4.5
50
TBD
TBD
50
mA
mA
µA
mA
mA
µA
V
CC = 5 V,
4)
V
CC = 5 V,
5)
V
CC = 2 … 5.5 V,
3)
V
CC = 5 V,
4)
V
CC = 5 V,
5)
V
CC = 2 … 5.5 V
3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com