Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 112 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 112 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 108Page - Siemens Semiconductor Group C511 Datasheet HTML 109Page - Siemens Semiconductor Group C511 Datasheet HTML 110Page - Siemens Semiconductor Group C511 Datasheet HTML 111Page - Siemens Semiconductor Group C511 Datasheet HTML 112Page - Siemens Semiconductor Group C511 Datasheet HTML 113Page - Siemens Semiconductor Group C511 Datasheet HTML 114Page - Siemens Semiconductor Group C511 Datasheet HTML 115Page - Siemens Semiconductor Group C511 Datasheet HTML 116Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 128 page
background image
EEPROM Programming Interface
SAB-C513A-H
Semiconductor Group
9-12
9.2.5.2
Write Operation
The following sequence of operations is necessary for writing (programming) bytes or memory
blocks:
1. Writing the data byte to be programmed into the register PDATA.
2. Selection of the memory area (block or single byte) to be written by programming PMSEL.
3. Writing the address of the byte/block to be programmed into PADRH and PADRL.
4. Set EEPROM operation mode bits in PCNTRL to EOM2-0=010B and the PROG bit to 1.
5. Wait at least 10 ms.
6. Reset the PROG bit to 0 with still EOM2-0=010B.
7. Wait 20
µs (guard time for discharging high voltage generator).
8. Set EOM2-0=000B and PROG=0.
The steps of the program operation are illustrated in figure 9-9-7.
Figure 9-7
Write (Programming) Sequence
Before writing (programming) a memory location it should be erased (=FFH), otherwise the old data
would be “and-ed’ with the new data and the result being programmed.
9.2.5.3
Read Operation
The following sequence of operations is necessary for reading of a byte:
1. Writing the address of the byte to be read into PADRH and PADRL.
2. Set EEPROM operation mode bits in PCNTRL to EOM2-0=100B and select whether automatic
address increment should be performed (ADRI=1) or not (ADRI=0)
3. Perform a read from register PDATA. The content of the selected memory location will be
transferred during this read.
Read operations can be done on the byte selected by PADRH/PADRL only. A requested block
operation (SEL bits in PMSEL) will be ignored.
The automatic address increment mode reduces the overhead when reading out the memory but
also when programming subsequent locations: when doing the read for verifying correct
programming, the address is automatically incremented and points to the next location to be
programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com