Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 108 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 108 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 104Page - Siemens Semiconductor Group C511 Datasheet HTML 105Page - Siemens Semiconductor Group C511 Datasheet HTML 106Page - Siemens Semiconductor Group C511 Datasheet HTML 107Page - Siemens Semiconductor Group C511 Datasheet HTML 108Page - Siemens Semiconductor Group C511 Datasheet HTML 109Page - Siemens Semiconductor Group C511 Datasheet HTML 110Page - Siemens Semiconductor Group C511 Datasheet HTML 111Page - Siemens Semiconductor Group C511 Datasheet HTML 112Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 128 page
background image
EEPROM Programming Interface
SAB-C513A-H
Semiconductor Group
9-8
9.2.4.1
Programming Control Register PCNTRL
This register holds the bits to control the access to the EEPROM memory and the programming
process.
Programming Interface Register PCNTRL (Address 00H)
Reset Value : 0XXX0000B
Bit
Function
ADRI
Address Increment Enable
If ADRI=1, the address in the address registers PADRH/PADRL is
incremented when a read operation of PDATA is performed.
If ADRI=0, the address is not modified.
–
Reserved Bits
These bits must be written with ’0’. During reads these bits will be undefined.
EOM 2 - EOM 0
EEPROM Operation Mode
These bits define the operation to be performed on the selected memory byte
or memory block.
All other combinations of EOM2-0 are not allowed. Their use might lead to
unpredictable results.
PROG
Program Voltage Enable
If PROG=1, the programming voltage is turned on if EOM2-0=001B or 010B.
If EOM2-0 is set to any other value, the programming voltage is inhibited.
If PROG=0, the programming voltage is turned off.
ADRI
–––
00H
PCNTRL
Bit No.
7
65
43
21
0
MSB
LSB
EOM2
EOM1
EOM0 PROG
EOM2
EOM1 EOM0 Operation
0
00NOP
0
0
1
Erase (clear) selected memory bytes/blocks
0
1
0
Write selected byte(s) with the content of PDATA
1
0
0
Read content of the addressed memory byte
(address in PADRH/PADRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com