Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 110 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 110 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 106Page - Siemens Semiconductor Group C511 Datasheet HTML 107Page - Siemens Semiconductor Group C511 Datasheet HTML 108Page - Siemens Semiconductor Group C511 Datasheet HTML 109Page - Siemens Semiconductor Group C511 Datasheet HTML 110Page - Siemens Semiconductor Group C511 Datasheet HTML 111Page - Siemens Semiconductor Group C511 Datasheet HTML 112Page - Siemens Semiconductor Group C511 Datasheet HTML 113Page - Siemens Semiconductor Group C511 Datasheet HTML 114Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 128 page
background image
EEPROM Programming Interface
SAB-C513A-H
Semiconductor Group
9-10
9.2.4.3
Data Register PDATA
This register contains the data to be written into the selected memory bytes during write operations.
When reading from this address, the contents of the memory byte selected by PADRH/PADRL will
be put onto the data bus. The written content of PDATA will not be disturbed by reading PDATA.
Programming Interface Register PDATA (Address 02H)
Reset Value : XXH
9.2.4.4
Address Low Register PADRL and PADRH
The PADRH/PADRL registers contain the 14-bit address of the EEPROM byte to be accessed
during read or write operations. The LSB part of the address is stored in PADRL and the MSB part
of the address is stored in PADRH. PADRL is combined with PADRH to form the complete 14-bit
address.
Depending on the settings in the register PMSEL (SEL4-0 bits) the combined address also may
specify memory blocks for write/erase operations. If automatic address increment is selected the
combined address will be incremented by 1 after every read access.
Reading the PARDH/PADRL registers will put its actual value onto the data bus. Bits 6 and 7 of
PADRH must be written with ’0’. During reads these bits will be undefined.
Programming Interface Registers PADRL/PADRH (Address 03H/04H)
Reset Values : XXH
D7
D6
D5
D4
02H
PDATA
Bit No.
7
65
43
21
0
MSB
LSB
D3
D2
D1
D0
A7
A6
A5
A4
03H
PADRL
Bit No.
7
65
43
21
0
MSB
LSB
A3
A2
A1
A0
––
A13
A12
04H
PADRH
A11
A10
A9
A8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com