Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 115 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 115 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 111Page - Infineon Technologies AG C164SL Datasheet HTML 112Page - Infineon Technologies AG C164SL Datasheet HTML 113Page - Infineon Technologies AG C164SL Datasheet HTML 114Page - Infineon Technologies AG C164SL Datasheet HTML 115Page - Infineon Technologies AG C164SL Datasheet HTML 116Page - Infineon Technologies AG C164SL Datasheet HTML 117Page - Infineon Technologies AG C164SL Datasheet HTML 118Page - Infineon Technologies AG C164SL Datasheet HTML 119Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 484 page
background image
C164CI/C164SI
Derivatives
Interrupt and Trap Functions
User’s Manual
5-24
V3.1, 2002-02
5.7
Interrupt Node Sharing
Interrupt nodes may be shared among several module requests if either the requests are
generated mutually exclusively or the requests are generated at a low rate. If more than
one source is enabled in this case, the interrupt handler will first need to determine the
requesting source. However, this overhead is not critical for low rate requests.
This node sharing is controlled via the sub-node interrupt control register ISNC which
provides a separate request flag and enable bit for each supported request source. The
interrupt level used for arbitration is determined by the node control register (… IC).
The specific request flags within ISNC must be reset by software. If the respective
request is likely to be activated either at the time the request flag is cleared or shortly
thereafter, the request flag should be cleared together with the corresponding enable bit.
The enable bit can then be set again. This avoids undetected requests caused by pulses
at the interrupt node being too short.
Note: In order to ensure compatibility with other derivative devices application software
should never set reserved bits within register ISNC.
ISNC
Interrupt Sub-Node Ctrl. Reg.
ESFR (F1DEH/EFH)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
--
------
----
PLL
IE
PLL
IR
RTC
IE
RTC
IR
-
-
-
-
-
-
-
-
-
-
-
-
rw
rwh
rw
rwh
Bit
Function
xxIR
Interrupt Request Flag for Source xx
0:
No request from source xx pending.
1:
Source xx has raised an interrupt request.
xxIE
Interrupt Enable Control Bit for Source xx
0:
Source xx interrupt request is disabled.
1:
Source xx interrupt request is enabled.
Table 5-7
Sub-node Control Bit Allocation
Bit Position
Interrupt Source
Associated Node
15 … 4
Reserved.
Reserved.
3|2
PLL / OWD
XP3IC
1|0
RTC
XP3IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com