Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 118 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 118 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 114Page - Infineon Technologies AG C164SL Datasheet HTML 115Page - Infineon Technologies AG C164SL Datasheet HTML 116Page - Infineon Technologies AG C164SL Datasheet HTML 117Page - Infineon Technologies AG C164SL Datasheet HTML 118Page - Infineon Technologies AG C164SL Datasheet HTML 119Page - Infineon Technologies AG C164SL Datasheet HTML 120Page - Infineon Technologies AG C164SL Datasheet HTML 121Page - Infineon Technologies AG C164SL Datasheet HTML 122Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 484 page
background image
C164CI/C164SI
Derivatives
Interrupt and Trap Functions
User’s Manual
5-27
V3.1, 2002-02
Fast External Interrupts
Input pins which may be used for external interrupts are sampled every 16 TCL; that is,
external events are scanned and detected in time frames of 16 TCL. The C164CI
provides 4 interrupt inputs that are sampled every 2 TCL, so external events are
captured faster than with standard interrupt inputs.
The lower 4 pins of Port P1H (P1H.3-P1H.0) can be programmed individually to this fast
interrupt mode, where the trigger transition (rising, falling or both) also can be selected.
The External Interrupt Control register EXICON controls this feature for all 4 pins.
Note: The fast external interrupt inputs are sampled every 2 TCL. The interrupt request
arbitration and processing, however, is executed every 8 TCL.
The interrupt control registers listed below (CC11IC … CC8IC) control the fast external
interrupts of the C164CI. These fast external interrupt nodes and vectors are named
according to the C167’s CAPCOM channels CC11 … CC8, so interrupt nodes receive
identical names throughout the architecture. See register description below.
EXICON
External Intr. Ctrl. Reg.
ESFR (F1C0H/E0H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
-
-
-
-
EXI3ES
EXI2ES
EXI1ES
EXI0ES
-
-
-
-
rw
rw
rw
rw
Bit
Function
EXIxES
External Interrupt x Edge Selection Field (x = 7 … 0)
0 0:
Fast external interrupts disabled: standard mode
0 1:
Interrupt on positive edge (rising)
1 0:
Interrupt on negative edge (falling)
1 1:
Interrupt on any edge (rising or falling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com