Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 120 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 120 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 116Page - Infineon Technologies AG C164SL Datasheet HTML 117Page - Infineon Technologies AG C164SL Datasheet HTML 118Page - Infineon Technologies AG C164SL Datasheet HTML 119Page - Infineon Technologies AG C164SL Datasheet HTML 120Page - Infineon Technologies AG C164SL Datasheet HTML 121Page - Infineon Technologies AG C164SL Datasheet HTML 122Page - Infineon Technologies AG C164SL Datasheet HTML 123Page - Infineon Technologies AG C164SL Datasheet HTML 124Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 484 page
background image
C164CI/C164SI
Derivatives
Interrupt and Trap Functions
User’s Manual
5-29
V3.1, 2002-02
External Interrupt Source Control
The input source for the fast external interrupts (controlled via register EXICON) can be
derived either from the associated port pin EXnIN or from an alternate source. This
selection is controlled via register EXISEL.
Activating the alternate input source, for example, allows the detection of transitions on
the interface lines of disabled interfaces. Upon this trigger, the respective interface can
be reactivated and respond to the detected activity.
The Table 5-10 summarizes the association of the bitfields of register EXISEL with the
respective interface input lines.
EXISEL
Ext. Interrupt Source Reg.
ESFR(F1DAH/EDH)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
EXI7SS
EXI6SS
EXI5SS
EXI4SS
EXI3SS
EXI2SS
EXI1SS
EXI0SS
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
EXIxSS
External Interrupt x Source Selection Field (x = 7 … 0)
00:
Input from associated EXxIN pin.
01:
Input from alternate pin.
10:
Input from pin EXxIN ORed with alternate pin.
11:
Input from pin EXxIN ANDed with alternate pin.
Table 5-10
Connection of Interface Inputs to External Interrupt Nodes
Bitfield
Associated Interface Line
Notes
EXI0SS
CAN1_RxD
CAN (C164CI, C164CL)
The used pin depends on the
assignment for the module.
EXI2SS
RxD0
ASC0
EXI3SS
SCLK
SSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com