| Electronic Components Datasheet Search |
|
C164SL Datasheet(PDF) 116 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C164SL Datasheet(HTML) 116 Page - Infineon Technologies AG |
|
116 / 484 page ![]() C164CI/C164SI Derivatives Interrupt and Trap Functions User’s Manual 5-25 V3.1, 2002-02 5.8 External Interrupts Although the C164CI has no dedicated INTR input pins, it supports many possibilities to react to external asynchronous events. It does this by using a number of IO lines for interrupt input. The interrupt function may be either combined with the pin’s main function or used instead of it if the main pin function is not required. Interrupt signals may be connected to: • EX3IN … EX0IN, the fast external interrupt input pins, • CC27IO … CC24IO, capture input / compare output lines of the CAPCOM2 unit, • CC19IO … CC16IO, capture input / compare output lines of the CAPCOM2 unit, • T4IN, T2IN, the timer input pins For each of these pins, either a positive, a negative, or both a positive and a negative external transition can be selected to cause an interrupt or PEC service request. The edge selection is performed in the control register of the peripheral device associated with the respective port pin. The peripheral must be programmed to a specific operating mode to allow generation of an interrupt by the external signal. The priority of the interrupt request is determined by the interrupt control register of the respective peripheral interrupt source, and the interrupt vector of this source will be used to service the external interrupt request. Note: In order to use any of the listed pins as an external interrupt input, it must be switched to input mode via its direction control bit DPx.y in the respective port direction control register DPx. Table 5-8 Pins Usable as External Interrupt Inputs Port Pin Original Function Control Register P1H.3-0/EX3-0IN Fast external interrupt input pin EXICON P1H.7-4/CC27-24IO CAPCOM Register 27-24 Capture Input CC27-CC24 P8.3-0/CC19-16IO CAPCOM Register 19-16 Capture Input CC19-CC16 P5.6/T2IN Auxiliary timer T2 input pin T2CON P5.7/T4IN Auxiliary timer T4 input pin T4CON |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |