Electronic Components Datasheet Search
  English  ▼

X  

C164SL Datasheet(PDF) 121 Page - Infineon Technologies AG

Part # C164SL
Description  16-Bit Single-Chip Microcontroller
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SL Datasheet(HTML) 121 Page - Infineon Technologies AG

Back Button C164SL Datasheet HTML 117Page - Infineon Technologies AG C164SL Datasheet HTML 118Page - Infineon Technologies AG C164SL Datasheet HTML 119Page - Infineon Technologies AG C164SL Datasheet HTML 120Page - Infineon Technologies AG C164SL Datasheet HTML 121Page - Infineon Technologies AG C164SL Datasheet HTML 122Page - Infineon Technologies AG C164SL Datasheet HTML 123Page - Infineon Technologies AG C164SL Datasheet HTML 124Page - Infineon Technologies AG C164SL Datasheet HTML 125Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 484 page
background image
C164CI/C164SI
Derivatives
Interrupt and Trap Functions
User’s Manual
5-30
V3.1, 2002-02
External Interrupts During Sleep Mode
During Sleep Mode, all peripheral clock signals are deactivated. This also disables the
standard edge detection logic for the fast external interrupts. However, transitions on
these interrupt inputs must be recognized in order to initiate the wakeup. Therefore,
during Sleep Mode, special edge detection logic for the fast external interrupts (EXzIN)
is activated which requires no clock signal (therefore also works in Sleep mode) and is
equipped with an analog noise filter. This filter suppresses spikes (generated by noise)
up to 10 ns. Input pulses with a duration of 100 ns minimum are recognized and
generate an interrupt request.
This filter delays the recognition of an external wakeup signal by approximately 100 ns,
but the spike suppression ensures safe and robust operation of the sleep/wakeup
mechanism in an active environment.
Figure 5-6
Input Noise Filter Operation
MCD04456
Input
Signal
Interrupt
Request
Rejected
Recognized
10 ns
100 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com