Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 162 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 162 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 158Page - Infineon Technologies AG C167CS Datasheet HTML 159Page - Infineon Technologies AG C167CS Datasheet HTML 160Page - Infineon Technologies AG C167CS Datasheet HTML 161Page - Infineon Technologies AG C167CS Datasheet HTML 162Page - Infineon Technologies AG C167CS Datasheet HTML 163Page - Infineon Technologies AG C167CS Datasheet HTML 164Page - Infineon Technologies AG C167CS Datasheet HTML 165Page - Infineon Technologies AG C167CS Datasheet HTML 166Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-35
V2.0, 2000-07
Alternate Functions of Port 4
During external bus cycles that use segmentation (i.e. an address space above
64 KByte) a number of Port 4 pins may output the segment address lines. The number
of pins that is used for segment address output determines the external address space
which is directly accessible. The other pins of Port 4 (if any) may be used for general
purpose IO or for the CAN interface.
If segment address lines are selected, the alternate function of Port 4 may be necessary
to access e.g. external memory directly after reset. For this reason Port 4 will be
switched to this alternate function automatically.
The number of segment address lines is selected via bitfield SALSEL in register RP0H.
During an external reset register RP0H is configured according to the levels of PORT0.
Software can adjust the number of selected segment address lines via register
RSTCON.
The CAN interface(s) can use 2 or 4 pins of Port 4 to interface the CAN Module(s) to an
external transceiver. In this case the number of possible segment address lines is
reduced.
Table 7-6 summarizes the alternate functions of Port 4 depending on the number of
selected segment address lines (coded via bitfield SALSEL).
Note: Port 4 pins that are neither used for segment address output nor for the CAN
interface may be used for general purpose IO.
If more than one function is selected for a Port 4 pin, the CAN interface lines will
override general purpose IO and the segment address.
Table 7-6
Alternate Functions of Port 4
Port 4
Pin
Std. Function
SALSEL = 01
64 KB
Altern. Function
SALSEL = 11
256KB
Altern. Function
SALSEL = 00
1 MB
Altern. Function
SALSEL = 10
16 MB
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
Gen. purpose IO
Gen. purpose IO
Gen. purpose IO
Gen. purpose IO
Gen. p. IO or CAN
Gen. p. IO or CAN
Gen. p. IO or CAN
Gen. p. IO or CAN
Seg. Address A16
Seg. Address A17
Gen. purpose IO
Gen. purpose IO
Gen. p. IO or CAN
Gen. p. IO or CAN
Gen. p. IO or CAN
Gen. p. IO or CAN
Seg. Address A16
Seg. Address A17
Seg. Address A18
Seg. Address A19
Gen. p. IO or CAN
Gen. p. IO or CAN
Gen. p. IO or CAN
Gen. p. IO or CAN
Seg. Address A16
Seg. Address A17
Seg. Address A18
Seg. Address A19
S.A. A20 or CAN
S.A. A21 or CAN
S.A. A22 or CAN
S.A. A23 or CAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com