Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 163 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 163 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 159Page - Infineon Technologies AG C167CS Datasheet HTML 160Page - Infineon Technologies AG C167CS Datasheet HTML 161Page - Infineon Technologies AG C167CS Datasheet HTML 162Page - Infineon Technologies AG C167CS Datasheet HTML 163Page - Infineon Technologies AG C167CS Datasheet HTML 164Page - Infineon Technologies AG C167CS Datasheet HTML 165Page - Infineon Technologies AG C167CS Datasheet HTML 166Page - Infineon Technologies AG C167CS Datasheet HTML 167Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-36
V2.0, 2000-07
Figure 7-17
Port 4 IO and Alternate Functions
Note: The usage of Port 4 pins (especially P4.7) for CAN interface lines depends on the
chosen assignments for the CAN module(s).
CAN interface lines will override general purpose IO and segment address lines.
MCA04427
-
-
-
-
-
-
-
-
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
Port 4
Alternate Function
General Purpose
Input/Output
A23
A22
A21
A20
A19
A18
A17
A16
Full Segment
Address (16 MB)
a)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
b)
CAN Interface
CAN2_RxD
CAN1_RxD
CAN1_RxD, CAN2_TxD
CAN1_TxD, CAN2_TxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com