Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 167 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 167 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 163Page - Infineon Technologies AG C167CS Datasheet HTML 164Page - Infineon Technologies AG C167CS Datasheet HTML 165Page - Infineon Technologies AG C167CS Datasheet HTML 166Page - Infineon Technologies AG C167CS Datasheet HTML 167Page - Infineon Technologies AG C167CS Datasheet HTML 168Page - Infineon Technologies AG C167CS Datasheet HTML 169Page - Infineon Technologies AG C167CS Datasheet HTML 170Page - Infineon Technologies AG C167CS Datasheet HTML 171Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-40
V2.0, 2000-07
Port 5 Digital Input Control
Port 5 pins may be used for both digital an analog input. By setting the respective bit in
register P5DIDIS the digital input stage of the respective Port 5 pin can be disconnected
from the pin. This is recommended when the pin is to be used as analog input, as it
reduces the current through the digital input stage and prevents it from toggling while the
(analog) input level is between the digital low and high thresholds. So the consumed
power and the generated noise can be reduced.
After reset all digital inputs are enabled.
Port 5 pins have a special port structure (see Figure 7-20), first because it is an input
only port, and second because the analog input channels are directly connected to the
pins rather than to the input latches.
P5DIDIS
Port 5 Digital Inp.Disable Reg.
SFR (FFA4H/D2H)
Reset Value: 0000H
15
14
13
12
11
10
9876
543210
P5D
.15
P5D
.14
P5D
.13
P5D
.12
P5D
.11
P5D
.10
P5D
.9
P5D
.8
P5D
.7
P5D
.6
P5D
.5
P5D
.4
P5D
.3
P5D
.2
P5D
.1
P5D
.0
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
P5D.y
Port 5 Bit y Digital Input Control
P5D.y = 0:
Digital input stage connected to port line P5.y
P5D.y = 1:
Digital input stage disconnected from port line P5.y
When being read or used as alternate input this line
appears as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com