Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 169 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 169 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 165Page - Infineon Technologies AG C167CS Datasheet HTML 166Page - Infineon Technologies AG C167CS Datasheet HTML 167Page - Infineon Technologies AG C167CS Datasheet HTML 168Page - Infineon Technologies AG C167CS Datasheet HTML 169Page - Infineon Technologies AG C167CS Datasheet HTML 170Page - Infineon Technologies AG C167CS Datasheet HTML 171Page - Infineon Technologies AG C167CS Datasheet HTML 172Page - Infineon Technologies AG C167CS Datasheet HTML 173Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-42
V2.0, 2000-07
7.10
Port 6
If this 8-bit port is used for general purpose IO, the direction of each line can be
configured via the corresponding direction register DP6. Each port line can be switched
into push/pull or open drain mode via the open drain control register ODP6.
P6
Port 6 Data Register
SFR (FFCCH/E6H)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
P6.7 P6.6 P6.5 P6.4 P6.3 P6.2 P6.1 P6.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
P6.y
Port data register P6 bit y
DP6
P6 Direction Ctrl. Register
SFR (FFCEH/E7H)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
DP6
.7
DP6
.6
DP6
.5
DP6
.4
DP6
.3
DP6
.2
DP6
.1
DP6
.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
DP6.y
Port direction register DP6 bit y
DP6.y = 0: Port line P6.y is an input (high-impedance)
DP6.y = 1: Port line P6.y is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com