Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 171 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 171 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 167Page - Infineon Technologies AG C167CS Datasheet HTML 168Page - Infineon Technologies AG C167CS Datasheet HTML 169Page - Infineon Technologies AG C167CS Datasheet HTML 170Page - Infineon Technologies AG C167CS Datasheet HTML 171Page - Infineon Technologies AG C167CS Datasheet HTML 172Page - Infineon Technologies AG C167CS Datasheet HTML 173Page - Infineon Technologies AG C167CS Datasheet HTML 174Page - Infineon Technologies AG C167CS Datasheet HTML 175Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-44
V2.0, 2000-07
Figure 7-21
Port 6 IO and Alternate Functions
The chip select lines of Port 6 additionally have an internal weak pullup device. This
device is switched on under the following conditions:
• always during reset for all potential CS output pins
• if the Port 6 line is used as a chip select output,
and the C167CS is in Hold mode (invoked through HOLD),
and the respective pin driver is in push/pull mode (ODP6.x = ‘0’).
This feature is implemented to drive the chip select lines high during reset in order to
avoid multiple chip selection, and to allow another master to access the external memory
via the same chip select lines (Wired-AND), while the C167CS is in Hold mode.
With ODP6.x = ‘1’ (open drain output selected), the internal pullup device will not be
active during Hold mode; external pullup devices must be used in this case.
When entering Hold mode the CS lines are actively driven high for one clock phase, then
the output level is controlled by the pullup devices (if activated).
After reset the CS function must be used, if selected so. In this case there is no possibility
to program any port latches before. Thus the alternate function (CS) is selected
automatically in this case.
Note: The open drain output option can only be selected via software earliest during the
initialization routine; the configured chip select lines (via CSSEL) will be in push/
pull output driver mode directly after reset.
MCA04358
-
-
-
-
-
-
-
-
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
Port 6
Alternate Function
General Purpose
Input/Output
BREQ
HLDA
HOLD
CS4
CS3
CS2
CS1
CS0
a)
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com