Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 175 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 175 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 171Page - Infineon Technologies AG C167CS Datasheet HTML 172Page - Infineon Technologies AG C167CS Datasheet HTML 173Page - Infineon Technologies AG C167CS Datasheet HTML 174Page - Infineon Technologies AG C167CS Datasheet HTML 175Page - Infineon Technologies AG C167CS Datasheet HTML 176Page - Infineon Technologies AG C167CS Datasheet HTML 177Page - Infineon Technologies AG C167CS Datasheet HTML 178Page - Infineon Technologies AG C167CS Datasheet HTML 179Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-48
V2.0, 2000-07
7.11
Port 7
If this 8-bit port is used for general purpose IO, the direction of each line can be
configured via the corresponding direction register DP7. Each port line can be switched
into push/pull or open drain mode via the open drain control register ODP7.
P7
Port 7 Data Register
SFR (FFD0H/E8H)
Reset Value: - - 00H
15
14
13
12
11
10
9876
543210
P7.7 P7.6 P7.5 P7.4 P7.3 P7.2 P7.1 P7.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
P7.y
Port data register P7 bit y
DP7
P7 Direction Ctrl. Register
SFR (FFD2H/E9H)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
DP7
.7
DP7
.6
DP7
.5
DP7
.4
DP7
.3
DP7
.2
DP7
.1
DP7
.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
DP7.y
Port direction register DP7 bit y
DP7.y = 0: Port line P7.y is an input (high-impedance)
DP7.y = 1: Port line P7.y is an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com