Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 176 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 176 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 172Page - Infineon Technologies AG C167CS Datasheet HTML 173Page - Infineon Technologies AG C167CS Datasheet HTML 174Page - Infineon Technologies AG C167CS Datasheet HTML 175Page - Infineon Technologies AG C167CS Datasheet HTML 176Page - Infineon Technologies AG C167CS Datasheet HTML 177Page - Infineon Technologies AG C167CS Datasheet HTML 178Page - Infineon Technologies AG C167CS Datasheet HTML 179Page - Infineon Technologies AG C167CS Datasheet HTML 180Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-49
V2.0, 2000-07
Alternate Functions of Port 7
The upper four lines of Port 7 (P7.7-4) serve as capture inputs or compare outputs
(CC31IO … CC28IO) for the CAPCOM2 unit.
The usage of the port lines by the CAPCOM unit, its accessibility via software, and the
precautions are the same as described for the Port 2 lines.
As all other capture inputs, the capture input function of pins P7.7-4 can also be used as
external interrupt inputs (sample rate 16 TCL).
The lower 4 lines of Port 7 (P7.3-0) serve as outputs from the PWM module (POUT3 …
POUT0). At these pins the value of the respective port output latch is XORed with the
value of the PWM output rather than ANDed, as the other pins do. This allows to use the
alternate output value either as it is (port latch holds a ‘0’) or invert its level at the pin (port
latch holds a ‘1’).
Note that the PWM outputs must be enabled via the respective PENx bits in PWMCON1.
Table 7-9 summarizes the alternate functions of Port 7.
ODP7
P7 Open Drain Ctrl. Reg.
ESFR (F1D2H/E9H)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
ODP7
.7
ODP7
.6
ODP7
.5
ODP7
.4
ODP7
.3
ODP7
.2
ODP7
2.1
ODP7
.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
ODP7.y
Port 7 Open Drain control register bit y
ODP7.y = 0: Port line P7.y output driver in push/pull mode
ODP7.y = 1: Port line P7.y output driver in open drain mode
Table 7-9
Alternate Functions of Port 7
Port 7 Pin
Alternate Function
P7.0
P7.1
P7.2
P7.3
P7.4
P7.5
P7.6
P7.7
POUT0
PWM model channel 0 output
POUT1
PWM model channel 1 output
POUT2
PWM model channel 2 output
POUT3
PWM model channel 3 output
CC28IO
Capture input/compare output channel 28
CC29IO
Capture input/compare output channel 29
CC30IO
Capture input/compare output channel 30
CC31IO
Capture input/compare output channel 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com