Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 181 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 181 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 177Page - Infineon Technologies AG C167CS Datasheet HTML 178Page - Infineon Technologies AG C167CS Datasheet HTML 179Page - Infineon Technologies AG C167CS Datasheet HTML 180Page - Infineon Technologies AG C167CS Datasheet HTML 181Page - Infineon Technologies AG C167CS Datasheet HTML 182Page - Infineon Technologies AG C167CS Datasheet HTML 183Page - Infineon Technologies AG C167CS Datasheet HTML 184Page - Infineon Technologies AG C167CS Datasheet HTML 185Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 517 page
background image
C167CS
Derivatives
Parallel Ports
User’s Manual
7-54
V2.0, 2000-07
Alternate Functions of Port 8
All Port 8 lines (P8.7-0) serve as capture inputs or compare outputs (CC23IO …
CC16IO) for the CAPCOM2 unit (see Table 7-10).
The usage of the port lines by the CAPCOM unit, its accessibility via software and the
precautions are the same as described for the Port 2 lines.
As all other capture inputs, the capture input function of pins P8.7-0 can also be used as
external interrupt inputs (sample rate 16 TCL).
The CAN interface(s) can use 2 or 4 pins of Port 8 to interface the CAN Module(s) to an
external transceiver. In this case the number of possible CAPCOM IO lines is reduced.
Note: CAN interface lines will override general purpose IO and CAPCOM lines.
ODP8
P8 Open Drain Ctrl. Reg.
ESFR (F1D6H/EBH)
Reset Value: - - 00H
15
14
13
12
11
10
98765
43210
ODP8
.7
ODP8
.6
ODP8
.5
ODP8
.4
ODP8
.3
ODP8
.2
ODP8
.1
ODP8
.0
-
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
rw
rw
rw
Bit
Function
ODP8.y
Port 8 Open Drain control register bit y
ODP8.y = 0: Port line P8.y output driver in push/pull mode
ODP8.y = 1: Port line P8.y output driver in open drain mode
Table 7-10
Alternate Functions of Port 8
Port 8 Pin
Alternate Function
P8.0
P8.1
P8.2
P8.3
P8.4
P8.5
P8.6
P8.7
CC16IO
Capture input/compare output channel 16 or CAN
CC17IO
Capture input/compare output channel 17 or CAN
CC18IO
Capture input/compare output channel 18 or CAN
CC19IO
Capture input/compare output channel 19 or CAN
CC20IO
Capture input/compare output channel 20
CC21IO
Capture input/compare output channel 21
CC22IO
Capture input/compare output channel 22
CC23IO
Capture input/compare output channel 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com