Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 185 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 185 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 181Page - Infineon Technologies AG C167CS Datasheet HTML 182Page - Infineon Technologies AG C167CS Datasheet HTML 183Page - Infineon Technologies AG C167CS Datasheet HTML 184Page - Infineon Technologies AG C167CS Datasheet HTML 185Page - Infineon Technologies AG C167CS Datasheet HTML 186Page - Infineon Technologies AG C167CS Datasheet HTML 187Page - Infineon Technologies AG C167CS Datasheet HTML 188Page - Infineon Technologies AG C167CS Datasheet HTML 189Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 517 page
background image
C167CS
Derivatives
Dedicated Pins
User’s Manual
8-1
V2.0, 2000-07
8
Dedicated Pins
Most of the input/output or control signals of the functional the C167CS are realized as
alternate functions of pins of the parallel ports. There is, however, a number of signals
that use separate pins, including the oscillator, special control signals and, of course, the
power supply.
Table 8-1 summarizes the 33 dedicated pins of the C167CS.
The Address Latch Enable signal ALE controls external address latches that provide
a stable address in multiplexed bus modes.
ALE is activated for every external bus cycle independent of the selected bus mode,
i.e. it is also activated for bus cycles with a demultiplexed address bus. When an external
bus is enabled (one or more of the BUSACT bits set) also X-Peripheral accesses will
generate an active ALE signal.
ALE is not activated for internal accesses, i.e. accesses to ROM/OTP/Flash (if provided),
the internal RAM and the special function registers. In single chip mode, i.e. when no
external bus is enabled (no BUSACT bit set), ALE will also remain inactive for
X-Peripheral accesses.
During reset an internal pulldown ensures an inactive (low) level on the ALE output.
Table 8-1
C167CS Dedicated Pins
Pin(s)
Function
ALE
Address Latch Enable
RD
External Read Strobe
WR/WRL
External Write/Write Low Strobe
READY
Ready Input
EA
External Access Enable
NMI
Non-Maskable Interrupt Input
XTAL1, XTAL2
Oscillator Input/Output
RSTIN
Reset Input
RSTOUT
Reset Output
VAREF, VAGND
Power Supply for Analog/Digital Converter
VDD
Digital Power Supply (10 pins)
VSS
Digital Reference Ground (10 pins)
NC
Not connected pin. Should not be connected to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com