Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 189 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 189 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 185Page - Infineon Technologies AG C167CS Datasheet HTML 186Page - Infineon Technologies AG C167CS Datasheet HTML 187Page - Infineon Technologies AG C167CS Datasheet HTML 188Page - Infineon Technologies AG C167CS Datasheet HTML 189Page - Infineon Technologies AG C167CS Datasheet HTML 190Page - Infineon Technologies AG C167CS Datasheet HTML 191Page - Infineon Technologies AG C167CS Datasheet HTML 192Page - Infineon Technologies AG C167CS Datasheet HTML 193Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-1
V2.0, 2000-07
9
The External Bus Interface
Although the C167CS provides a powerful set of on-chip peripherals and on-chip RAM
and ROM/OTP/Flash (except for ROMless versions) areas, these internal units only
cover a small fraction of its address space of up to 16 MByte. The external bus interface
allows to access external peripherals and additional volatile and non-volatile memory.
The external bus interface provides a number of configurations, so it can be tailored to
fit perfectly into a given application system.
Figure 9-1
SFRs and Port Pins Associated with the External Bus Interface
Accesses to external memory or peripherals are executed by the integrated External Bus
Controller (EBC). The function of the EBC is controlled via the SYSCON register and the
BUSCONx and ADDRSELx registers. The BUSCONx registers specify the external bus
cycles in terms of address (mux/demux), data width (16-bit/8-bit), chip selects and length
(waitstates/READY control/ALE/RW delay). These parameters are used for accesses
within a specific address area which is defined via the corresponding register
ADDRSELx.
The four pairs BUSCON1/ADDRSEL1 … BUSCON4/ADDRSEL4 allow to define four
independent “address windows”, while all external accesses outside these windows are
controlled via register BUSCON0.
MCA04367
P0L / P0H
P1L / P1H
DP3
ADDRSEL1
ADDRSEL2
ADDRSEL3
BUSCON0
SYSCON
Ports & Direction Control
Alternate Functions
Address Registers
Mode Registers
Control Registers
P0L/P0H PORT0 Data Register
P1L/P1H PORT1 Data Register
DP3
Port 3 Direction Control Register
P3
Port 3 Data Register
P4
Port 4 Data Register
ODP6
Port 6 Open Drain Control Register
DP6
Port 6 Direction Control Register
P6
Port 6 Data Register
ADDRSELx
Address Range Select Register 1...4
BUSCONx
Bus Mode Control Register 0...4
SYSCON
System Control Register
RP0H
Port P0H Reset Configuration Register
RP0H
PORT0 EA
PORT1 RSTIN
ALE READY
RD
WR/WRL
BHE/WRH
P3
BUSCON1
BUSCON3
BUSCON2
E
P4
ODP6
DP6
P6
ADDRSEL4
BUSCON4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com