Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 191 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 191 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 187Page - Infineon Technologies AG C167CS Datasheet HTML 188Page - Infineon Technologies AG C167CS Datasheet HTML 189Page - Infineon Technologies AG C167CS Datasheet HTML 190Page - Infineon Technologies AG C167CS Datasheet HTML 191Page - Infineon Technologies AG C167CS Datasheet HTML 192Page - Infineon Technologies AG C167CS Datasheet HTML 193Page - Infineon Technologies AG C167CS Datasheet HTML 194Page - Infineon Technologies AG C167CS Datasheet HTML 195Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-3
V2.0, 2000-07
9.2
External Bus Modes
When the external bus interface is enabled (bit BUSACTx = ‘1’) and configured (bitfield
BTYP), the C167CS uses a subset of its port lines together with some control lines to
build the external bus.
The bus configuration (BTYP) for the address windows (BUSCON4 … BUSCON1) is
selected via software typically during the initialization of the system.
The bus configuration (BTYP) for the default address range (BUSCON0) is selected via
PORT0 during reset, provided that pin EA is low during reset. Otherwise BUSCON0 may
be programmed via software just like the other BUSCON registers.
The 16 MByte address space of the C167CS is divided into 256 segments of 64 KByte
each. The 16-bit intra-segment address is output on PORT0 for multiplexed bus modes
or on PORT1 for demultiplexed bus modes. When segmentation is disabled, only one
64 KByte segment can be used and accessed. Otherwise additional address lines may
be output on Port 4 (addressing up to 16 MByte) and/or several chip select lines may be
used to select different memory banks or peripherals. These functions are selected
during reset via bitfields SALSEL and CSSEL of register RP0H, respectively.
Note: Bit SGTDIS of register SYSCON defines, if the CSP register is saved during
interrupt entry (segmentation active) or not (segmentation disabled).
Table 9-1
Summary of External Bus Modes
BTYP
Encoding
External Data Bus Width
External Address Bus Mode
0 0
8-bit Data
Demultiplexed Addresses
0 1
8-bit Data
Multiplexed Addresses
1 0
16-bit Data
Demultiplexed Addresses
1 1
16-bit Data
Multiplexed Addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com