Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 192 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 192 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 188Page - Infineon Technologies AG C167CS Datasheet HTML 189Page - Infineon Technologies AG C167CS Datasheet HTML 190Page - Infineon Technologies AG C167CS Datasheet HTML 191Page - Infineon Technologies AG C167CS Datasheet HTML 192Page - Infineon Technologies AG C167CS Datasheet HTML 193Page - Infineon Technologies AG C167CS Datasheet HTML 194Page - Infineon Technologies AG C167CS Datasheet HTML 195Page - Infineon Technologies AG C167CS Datasheet HTML 196Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-4
V2.0, 2000-07
Multiplexed Bus Modes
In the multiplexed bus modes the 16-bit intra-segment address as well as the data use
PORT0. The address is time-multiplexed with the data and has to be latched externally.
The width of the required latch depends on the selected data bus width, i.e. an 8-bit data
bus requires a byte latch (the address bits A15 … A8 on P0H do not change, while P0L
multiplexes address and data), a 16-bit data bus requires a word latch (the least
significant address line A0 is not relevant for word accesses).
The upper address lines (An … A16) are permanently output on Port 4 (if segmentation
is enabled) and do not require latches.
The EBC initiates an external access by generating the Address Latch Enable signal
(ALE) and then placing an address on the bus. The falling edge of ALE triggers an
external latch to capture the address. After a period of time during which the address
must have been latched externally, the address is removed from the bus. The EBC now
activates the respective command signal (RD, WR, WRL, WRH). Data is driven onto the
bus either by the EBC (for write cycles) or by the external memory/peripheral (for read
cycles). After a period of time, which is determined by the access time of the memory/
peripheral, data become valid.
Read cycles: Input data is latched and the command signal is now deactivated. This
causes the accessed device to remove its data from the bus which is then tri-stated
again.
Write cycles: The command signal is now deactivated. The data remain valid on the bus
until the next external bus cycle is started.
Figure 9-2
Multiplexed Bus Cycle
MCT02060
Address
Segment (P4)
ALE
BUS (P0)
Data/Instr.
Address
RD
Address
Data
BUS (P0)
WR
Bus Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com