| Electronic Components Datasheet Search |
|
C167CS Datasheet(PDF) 193 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS Datasheet(HTML) 193 Page - Infineon Technologies AG |
|
193 / 517 page ![]() C167CS Derivatives The External Bus Interface User’s Manual 9-5 V2.0, 2000-07 Demultiplexed Bus Modes In the demultiplexed bus modes the 16-bit intra-segment address is permanently output on PORT1, while the data uses PORT0 (16-bit data) or P0L (8-bit data). The upper address lines are permanently output on Port 4 (if selected via SALSEL during reset). No address latches are required. The EBC initiates an external access by placing an address on the address bus. After a programmable period of time the EBC activates the respective command signal (RD, WR, WRL, WRH). Data is driven onto the data bus either by the EBC (for write cycles) or by the external memory/peripheral (for read cycles). After a period of time, which is determined by the access time of the memory/peripheral, data become valid. Read cycles: Input data is latched and the command signal is now deactivated. This causes the accessed device to remove its data from the data bus which is then tri-stated again. Write cycles: The command signal is now deactivated. If a subsequent external bus cycle is required, the EBC places the respective address on the address bus. The data remain valid on the bus until the next external bus cycle is started. Figure 9-3 Demultiplexed Bus Cycle MCD02061 Address Address (P1) ALE BUS (P0) RD Data BUS (P0) WR Segment (P4) Bus Cycle Data/Instr. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |