Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 194 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 194 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 190Page - Infineon Technologies AG C167CS Datasheet HTML 191Page - Infineon Technologies AG C167CS Datasheet HTML 192Page - Infineon Technologies AG C167CS Datasheet HTML 193Page - Infineon Technologies AG C167CS Datasheet HTML 194Page - Infineon Technologies AG C167CS Datasheet HTML 195Page - Infineon Technologies AG C167CS Datasheet HTML 196Page - Infineon Technologies AG C167CS Datasheet HTML 197Page - Infineon Technologies AG C167CS Datasheet HTML 198Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-6
V2.0, 2000-07
Switching Between the Bus Modes
The EBC allows to switch between different bus modes dynamically, i.e. subsequent
external bus cycles may be executed in different ways. Certain address areas may use
multiplexed or demultiplexed buses or use READY control or predefined waitstates.
A change of the external bus characteristics can be initiated in two different ways:
Switching between predefined address windows automatically selects the bus mode
that is associated with the respective window. Predefined address windows allow to use
different bus modes without any overhead, but restrict their number to the number of
BUSCONs. However, as BUSCON0 controls all address areas, which are not covered
by the other BUSCONs, this allows to have gaps between these windows, which use the
bus mode of BUSCON0.
PORT1 will output the intra-segment address, when any of the BUSCON registers
selects a demultiplexed bus mode, even if the current bus cycle uses a multiplexed bus
mode. This allows to have an external address decoder connected to PORT1 only, while
using it for all kinds of bus cycles.
The usage of the BUSCON/ADDRSEL registers is controlled via the issued addresses.
When an access (code fetch or data) is initiated, the respective generated physical
address defines, if the access is made internally, uses one of the address windows
defined by ADDRSEL4 … 1, or uses the default configuration in BUSCON0. After
initializing the active registers, they are selected and evaluated automatically by
interpreting the physical address. No additional switching or selecting is necessary
during run time, except when more than the four address windows plus the default is to
be used.
Reprogramming the BUSCON and/or ADDRSEL registers allows to either change
the bus mode for a given address window, or change the size of an address window that
uses a certain bus mode. Reprogramming allows to use a great number of different
address windows (more than BUSCONs are available) on the expense of the overhead
for changing the registers and keeping appropriate tables.
Note: Be careful when changing the configuration for an address area that currently
supplies the instruction stream. Due to the internal pipelining, the first instruction
fetch that will use the new configuration depends on the instructions prior to the
configuration change. Special care is required when changing bits like BUSACT
or RDYEN, in order not to cut the instruction stream inadvertently.
Only change the other configuration bits after checking that the respective
application can cope with the intended modification(s).
It is recommended to change ADDRSEL registers only while the respective
BUSACT bit in the associated BUSCON register is cleared.
Switching from demultiplexed to multiplexed bus mode represents a special case.
The bus cycle is started by activating ALE and driving the address to Port 4 and PORT1
as usual, if another BUSCON register selects a demultiplexed bus. However, in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com