Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 198 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 198 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 194Page - Infineon Technologies AG C167CS Datasheet HTML 195Page - Infineon Technologies AG C167CS Datasheet HTML 196Page - Infineon Technologies AG C167CS Datasheet HTML 197Page - Infineon Technologies AG C167CS Datasheet HTML 198Page - Infineon Technologies AG C167CS Datasheet HTML 199Page - Infineon Technologies AG C167CS Datasheet HTML 200Page - Infineon Technologies AG C167CS Datasheet HTML 201Page - Infineon Technologies AG C167CS Datasheet HTML 202Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-10
V2.0, 2000-07
CS Signal Generation
During external accesses the EBC can generate a (programmable) number of CS lines
on Port 6, which allow to directly select external peripherals or memory banks without
requiring an external decoder. The number of CS lines is selected during reset and
coded in bit field CSSEL in register RP0H (see Table 9-4).
The CSx outputs are associated with the BUSCONx registers and are driven active (low)
for any access within the address area defined for the respective BUSCON register. For
any access outside this defined address area the respective CSx signal will go inactive
(high). At the beginning of each external bus cycle the corresponding valid CS signal is
determined and activated. All other CS lines are deactivated (driven high) at the same
time.
Note: The CSx signals will not be updated for an access to any internal address area
(i.e. when no external bus cycle is started), even if this area is covered by the
respective ADDRSELx register. An access to an on-chip X-Peripheral deactivates
all external CS signals.
Upon accesses to address windows without a selected CS line all selected CS
lines are deactivated.
The chip select signals allow to be operated in four different modes (see Table 9-5)
which are selected via bits CSWENx and CSRENx in the respective BUSCONx register.
Table 9-4
Decoding of Chip Select Lines
CSSEL
Chip Select Lines
Note
1 1
Five:
CS4 … CS0
Default without pull-downs
1 0
None
Port 6 pins free for IO
0 1
Two:
CS1 … CS0
–
0 0
Three: CS2 … CS0
–
Table 9-5
Chip Select Generation Modes
CSWENx
CSRENx
Chip Select Mode
0
0
Address Chip Select (Default after Reset)
0
1
Read Chip Select
1
0
Write Chip Select
1
1
Read/Write Chip Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com