Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 200 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 200 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 196Page - Infineon Technologies AG C167CS Datasheet HTML 197Page - Infineon Technologies AG C167CS Datasheet HTML 198Page - Infineon Technologies AG C167CS Datasheet HTML 199Page - Infineon Technologies AG C167CS Datasheet HTML 200Page - Infineon Technologies AG C167CS Datasheet HTML 201Page - Infineon Technologies AG C167CS Datasheet HTML 202Page - Infineon Technologies AG C167CS Datasheet HTML 203Page - Infineon Technologies AG C167CS Datasheet HTML 204Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-12
V2.0, 2000-07
9.3
Programmable Bus Characteristics
Important timing characteristics of the external bus interface have been made user
programmable to allow to adapt it to a wide range of different external bus and memory
configurations with different types of memories and/or peripherals.
The following parameters of an external bus cycle are programmable:
• ALE Control defines the ALE signal length and the address hold time after its falling
edge
• Memory Cycle Time (extendable with 1 … 15 waitstates) defines the allowable
access time
• Memory Tri-State Time (extendable with 1 waitstate) defines the time for a data
driver to float
• Read/Write Delay Time defines when a command is activated after the falling edge
of ALE
• READY Control defines, if a bus cycle is terminated internally or externally
Note: Internal accesses are executed with maximum speed and therefore are not
programmable.
External accesses use the slowest possible bus cycle after reset. The bus cycle
timing may then be optimized by the initialization software.
Figure 9-5
Programmable External Bus Cycle
RD/WR
DATA
ADDR
ALE
ALECTL
DATA
RD/WR
ADDR
ALE
MTTC
MCTC
MCD02225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com