Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 204 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 204 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 200Page - Infineon Technologies AG C167CS Datasheet HTML 201Page - Infineon Technologies AG C167CS Datasheet HTML 202Page - Infineon Technologies AG C167CS Datasheet HTML 203Page - Infineon Technologies AG C167CS Datasheet HTML 204Page - Infineon Technologies AG C167CS Datasheet HTML 205Page - Infineon Technologies AG C167CS Datasheet HTML 206Page - Infineon Technologies AG C167CS Datasheet HTML 207Page - Infineon Technologies AG C167CS Datasheet HTML 208Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-16
V2.0, 2000-07
Read/Write Signal Delay
The C167CS allows the user to adjust the timing of the read and write commands to
account for timing requirements of external peripherals. The read/write delay controls
the time between the falling edge of ALE and the falling edge of the command. Without
read/write delay the falling edges of ALE and command(s) are coincident (except for
propagation delays). With the delay enabled, the command(s) become active half a CPU
clock (1 TCL) after the falling edge of ALE.
The read/write delay does not extend the memory cycle time, and does not slow down
the controller in general. In multiplexed bus modes, however, the data drivers of an
external device may conflict with the C167CS’s address, when the early RD signal is
used. Therefore multiplexed bus cycles should always be programmed with read/write
delay.
The read/write delay is controlled via the RWDCx bits in the BUSCON registers. The
command(s) will be delayed, if bit RWDCx is ‘0’ (default after reset).
Early WR Signal Deactivation
The duration of an external write access can be shortened by one TCL. The WR signal
is activated (driven low) in the standard way, but can be deactivated (driven high) one
TCL earlier than defined in the standard timing. In this case also the data output drivers
will be deactivated one TCL earlier.
This is especially useful in systems which operate on higher CPU clock frequencies and
employ external modules (memories, peripherals, etc.) which switch on their own data
drivers very fast in response to e.g. a chip select signal.
Conflicts between the C167CS’s and the external peripheral’s output drivers can be
avoided then by selecting early WR for the C167CS.
Note: Make sure that the reduced WR low time then still matches the requirements of
the external peripheral/memory.
Early WR deactivation is controlled via the EWENx bits in the BUSCON registers. The
WR signal will be shortened if bit EWENx is ‘1’ (default after reset is a standard WR
signal, i.e. EWENx = ‘0’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com