Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 207 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 207 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 203Page - Infineon Technologies AG C167CS Datasheet HTML 204Page - Infineon Technologies AG C167CS Datasheet HTML 205Page - Infineon Technologies AG C167CS Datasheet HTML 206Page - Infineon Technologies AG C167CS Datasheet HTML 207Page - Infineon Technologies AG C167CS Datasheet HTML 208Page - Infineon Technologies AG C167CS Datasheet HTML 209Page - Infineon Technologies AG C167CS Datasheet HTML 210Page - Infineon Technologies AG C167CS Datasheet HTML 211Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-19
V2.0, 2000-07
The Synchronous READY provides the fastest bus cycles, but requires setup and hold
times to be met. The CLKOUT signal should be enabled and may be used by the
peripheral logic to control the READY timing in this case.
The Asynchronous READY is less restrictive, but requires additional waitstates caused
by the internal synchronization. As the asynchronous READY is sampled earlier (see
Figure 9-10) programmed waitstates may be necessary to provide proper bus cycles
(see also notes on “normally-ready” peripherals below).
A READY signal (especially asynchronous READY) that has been activated by an
external device may be deactivated in response to the trailing (rising) edge of the
respective command (RD or WR).
Note: When the READY function is enabled for a specific address window, each bus
cycle within this window must be terminated with an active READY signal.
Otherwise the controller hangs until the next reset. A timeout function is only
provided by the watchdog timer.
Combining the READY function with predefined waitstates is advantageous in two
cases:
Memory components with a fixed access time and peripherals operating with READY
may be grouped into the same address window. The (external) waitstate control logic in
this case would activate READY either upon the memory’s chip select or with the
peripheral’s READY output. After the predefined number of waitstates the C167CS will
check its READY line to determine the end of the bus cycle. For a memory access it will
be low already (see example a) in Figure 9-10), for a peripheral access it may be
delayed (see example b) in Figure 9-10). As memories tend to be faster than
peripherals, there should be no impact on system performance.
When using the READY function with so-called “normally-ready” peripherals, it may lead
to erroneous bus cycles, if the READY line is sampled too early. These peripherals pull
their READY output low, while they are idle. When they are accessed, they deactivate
READY until the bus cycle is complete, then drive it low again. If, however, the peripheral
deactivates READY after the first sample point of the C167CS, the controller samples
an active READY and terminates the current bus cycle, which, of course, is too early. By
inserting predefined waitstates the first READY sample point can be shifted to a time,
where the peripheral has safely controlled the READY line (e.g. after 2 waitstates in
Figure 9-10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com