Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 211 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 211 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 207Page - Infineon Technologies AG C167CS Datasheet HTML 208Page - Infineon Technologies AG C167CS Datasheet HTML 209Page - Infineon Technologies AG C167CS Datasheet HTML 210Page - Infineon Technologies AG C167CS Datasheet HTML 211Page - Infineon Technologies AG C167CS Datasheet HTML 212Page - Infineon Technologies AG C167CS Datasheet HTML 213Page - Infineon Technologies AG C167CS Datasheet HTML 214Page - Infineon Technologies AG C167CS Datasheet HTML 215Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-23
V2.0, 2000-07
Bit
Function
MCTC
Memory Cycle Time Control (Number of memory cycle time wait states)
0000: 15 waitstates
…
(Number = 15 – <MCTC>)
1111: No waitstates
Note: The definition of bitfield MCTCx changes if RDYENx = ‘1’
(see Chapter 9.4)
RWDCx
Read/Write Delay Control for BUSCONx
0:
With rd/wr delay: activate command 1 TCL after falling edge of ALE
1:
No rd/wr delay: activate command with falling edge of ALE
MTTCx
Memory Tristate Time Control
0:
1 waitstate
1:
No waitstate
BTYP
External Bus Configuration
00:
8-bit Demultiplexed Bus
01:
8-bit Multiplexed Bus
10:
16-bit Demultiplexed Bus
11:
16-bit Multiplexed Bus
Note: For BUSCON0 BTYP is defined via PORT0 during reset.
EWENx
Early Write Enable
0:
Normal WR signal
1:
Early write: WR signal is deactivated and write data is tristated one
TCL earlier
ALECTLx
ALE Lengthening Control
0:
Normal ALE signal
1:
Lengthened ALE signal
BUSACTx
Bus Active Control
0:
External bus disabled
1:
External bus enabled within respective address window (ADDRSEL)
BSWCx
BUSCON Switch Control
0:
Address windows are switched immediately
1:
A tristate waitstate is inserted if the next bus cycle accesses a
different address window than the one controlled by this BUSCON
register.1)
RDYENx
READY Input Enable
0:
External bus cycle is controlled by bit field MCTC only
1:
External bus cycle is controlled by the READY input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com