Electronic Components Datasheet Search
  English  ▼

X  

C167CS Datasheet(PDF) 208 Page - Infineon Technologies AG

Part # C167CS
Description  16-Bit Single-Chip Microcontroller
PDF  517 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C167CS Datasheet(HTML) 208 Page - Infineon Technologies AG

Back Button C167CS Datasheet HTML 204Page - Infineon Technologies AG C167CS Datasheet HTML 205Page - Infineon Technologies AG C167CS Datasheet HTML 206Page - Infineon Technologies AG C167CS Datasheet HTML 207Page - Infineon Technologies AG C167CS Datasheet HTML 208Page - Infineon Technologies AG C167CS Datasheet HTML 209Page - Infineon Technologies AG C167CS Datasheet HTML 210Page - Infineon Technologies AG C167CS Datasheet HTML 211Page - Infineon Technologies AG C167CS Datasheet HTML 212Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 517 page
background image
C167CS
Derivatives
The External Bus Interface
User’s Manual
9-20
V2.0, 2000-07
9.5
Controlling the External Bus Controller
A set of registers controls the functions of the EBC. General features like the usage of
interface pins (WR, BHE), segmentation and internal ROM mapping are controlled via
register SYSCON. The properties of a bus cycle like chip select mode, usage of READY,
length of ALE, external bus mode, read/write delay and waitstates are controlled via
registers BUSCON4 … BUSCON0. Four of these registers (BUSCON4 … BUSCON1)
have an address select register (ADDRSEL4 … ADDRSEL1) associated with them,
which allows to specify up to four address areas and the individual bus characteristics
within these areas. All accesses that are not covered by these four areas are then
controlled via BUSCON0. This allows to use memory components or peripherals with
different interfaces within the same system, while optimizing accesses to each of them.
SYSCON
System Control Register
SFR (FF12H/89H)
Reset Value: 0XX0H
15
14
13
12
11
10
9
876
5432
1
0
STKSZ
ROM
S1
SGT
DIS
ROM
EN
BYT
DIS
CLK
EN
WR
CFG
CS
CFG
-
OWD
DIS
BD
RST
EN
XPEN VISI-
BLE
XPER
SHA-RE
rw
rw
rw
rwh
rwh
rw
rwh
rw
-
rwh
rw
rw
rw
rw
Bit
Function
XPER-SHARE XBUS Peripheral Share Mode Control
0:
External accesses to XBUS peripherals are disabled
1:
XBUS peripherals are accessible via the ext. bus during hold mode
VISIBLE
Visible Mode Control
0:
Accesses to XBUS peripherals are done internally
1:
XBUS peripheral accesses are made visible on the external pins
XPEN
XBUS Peripheral Enable Bit
0:
Accesses to the on-chip X-Peripherals and their functions are disabled
1:
The on-chip X-Peripherals are enabled and can be accessed
BDRSTEN
Bidirectional Reset Enable Bit
0:
Pin RSTIN is an input only.
1:
Pin RSTIN is pulled low during the internal reset sequence
after any reset.
OWDDIS
Oscillator Watchdog Disable Bit (Configured via pin RD upon a reset)
0:
The on-chip oscillator watchdog is enabled and active.
1:
The on-chip oscillator watchdog is disabled and the CPU clock is
always fed from the oscillator input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com